Electronic Components Datasheet Search
  English  ▼

X  

LT3797 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3797
Description  Triple Output LED Driver Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3797 Datasheet(HTML) 4 Page - Linear Technology

  LT3797 Datasheet HTML 1Page - Linear Technology LT3797 Datasheet HTML 2Page - Linear Technology LT3797 Datasheet HTML 3Page - Linear Technology LT3797 Datasheet HTML 4Page - Linear Technology LT3797 Datasheet HTML 5Page - Linear Technology LT3797 Datasheet HTML 6Page - Linear Technology LT3797 Datasheet HTML 7Page - Linear Technology LT3797 Datasheet HTML 8Page - Linear Technology LT3797 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LT3797
4
3797f
For more information www.linear.com/LT3797
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 24V; EN/UVLO = 24V; CTRL1, CTRL2, CTRL3, PWM1, PWM2,
PWM3 = 2V; SENSEN1, SENSEN2, SENSEN3 = 0V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISN1, ISN2, ISN3 Input Bias Current (Idle)
PWM1, PWM2, PWM3=0V , ISP1, ISP2, ISP3, ISN1,
ISN2, ISN3 = 48V
0
1
µA
PWM1, PWM2, PWM3, ISP1, ISP2, ISP3, ISN1,
ISN2, ISN3 = 0V
–20
nA
LED Current Sense Amplifier gm
ISP1-ISN1, ISP2-ISN2, ISP3-ISN3 = 250mV
250
μS
FBH1, FBH2, FBH3 Regulation Voltage “FBH(REG)”
(|ISP1-FBH1, ISP2-FBH2, ISP3-FBH3|)
ISP1, ISP2, ISP3, ISN1, ISN2, ISN3 = 48V
l
1.225
1.250
1.275
V
FBH1, FBH2, FBH3 Pin Input Bias Current
ISP1-FBH1, ISP2-FBH2, ISP3-FBH3 = 1.25V
ISP1-FBH1, ISP2-FBH2, ISP3-FBH3 = –1.25V
2
40
2.4
100
3
nA
µA
FBH1, FBH2, FBH3 Amplifier gm
|ISP1-FBH1|, |ISP2-FBH2|, |ISP3-FBH3| = 1.25V
480
μS
FBH1, FBH2, FBH3 Open-LED Threshold
(|ISP1-FBH1|, |ISP2-FBH2|, |ISP3-FBH3|) Voltage
Rising (Note 4)
FBH(REG)
– 0.07
FBH(REG)
– 0.05
FBH(REG)
– 0.04
V
Hysteresis
20
mV
FBH1, FBH2, FBH3 Overvoltage Threshold
(|ISP1-FBH1|, |ISP2-FBH2|, |ISP3-FBH3|) Voltage
Rising (Note 4)
FBH(REG)
+ 0.05
FBH(REG)
+ 0.06
FBH(REG)
+ 0.085
V
Hysteresis
25
mV
VC1, VC2, VC3 Output Impedance
10
MΩ
VC1, VC2, VC3 Standby Input Bias Current
PWM1, PWM2, PWM3 = 0V
CTRL1, CTRL2, CTRL3 = 0V
–20
–20
20
20
nA
nA
VC1, VC2, VC3 Current Mode Gain –ΔVVC/ΔVSENSE
4
V/V
VC1, VC2, VC3 Source Current
ISP1, ISP2, ISP3, ISN1, ISN2, ISN3, FBH1, FBH2,
FBH3 = 48V, Current Out of Pin
10.5
µA
VC1, VC2, VC3 Sink Current
ISP1, ISP2, ISP3, FBH1, FBH2, FBH3 = 48V,
ISN1, ISN2, ISN3 = 47.7V
12
µA
ISP1, ISP2, ISP3, ISN1, ISN2, ISN3 = 48V,
FBH1, FBH2, FBH3 = 46.7V
32
µA
Oscillator
Switching Frequency
RT = 140kΩ
RT = 34.0kΩ
RT = 10.7kΩ
l
95
375
950
100
400
1000
107
425
1050
kHz
kHz
kHz
RT Voltage
1.05
V
GATE1, GATE2, GATE3 Minimum Off-Time
CGATE = 3300pF
200
270
ns
GATE1, GATE2, GATE3 Minimum On-Time
CGATE = 3300pF
220
300
ns
SYNC Input Low
l
0.4
V
SYNC Input High
l
1.5
V
SYNC Resistance to GND
200
kΩ
Logic Inputs/Outputs
EN/UVLO Threshold Voltage Falling
l
1.180
1.220
1.250
V
EN/UVLO Rising Hysteresis
20
mV
EN/UVLO Input Low Voltage
IVIN Drops Below 1µA
0.4
V
EN/UVLO Pin Bias Current Low
EN/UVLO = 1.15V
l
1.5
2
2.6
µA
EN/UVLO Pin Bias Current High
EN/UVLO = 1.33V
40
100
nA
OVLO Pin Input Bias Current
20
100
nA
OVLO Threshold Voltage
Rising
Hysteresis
l
1.225
1.250
125
1.275
V
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com