Electronic Components Datasheet Search
  English  ▼

X  

LT3797 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3797
Description  Triple Output LED Driver Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3797 Datasheet(HTML) 5 Page - Linear Technology

  LT3797 Datasheet HTML 1Page - Linear Technology LT3797 Datasheet HTML 2Page - Linear Technology LT3797 Datasheet HTML 3Page - Linear Technology LT3797 Datasheet HTML 4Page - Linear Technology LT3797 Datasheet HTML 5Page - Linear Technology LT3797 Datasheet HTML 6Page - Linear Technology LT3797 Datasheet HTML 7Page - Linear Technology LT3797 Datasheet HTML 8Page - Linear Technology LT3797 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LT3797
5
3797f
For more information www.linear.com/LT3797
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 24V; EN/UVLO = 24V; CTRL1, CTRL2, CTRL3, PWM1, PWM2,
PWM3 = 2V; SENSEN1, SENSEN2, SENSEN3 = 0V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PWM1, PWM2, PWM3 Input High Voltage
l
1.1
1.4
V
PWM1, PWM2, PWM3 Input Low Voltage
l
0.6
0.9
V
PWM1, PWM2, PWM3 Resistance to GND
200
kΩ
FLT1, FLT2, FLT3 Output Low
IFLT =1mA
300
mV
SS1, SS2, SS3 Sourcing Current
SS1, SS2, SS3 = 1V, Current Out of Pin
28
µA
SS1, SS2, SS3 Sinking Current
SS1, SS2, SS3 = 1V, OVLO =1.3V
2.8
µA
SS1, SS2, SS3 Soft-Start Reset Threshold
Falling, Measured on SS1, SS2, SS3
Hysteresis
160
30
mV
mV
SS1, SS2, SS3 Fault Reset Threshold
Measured on SS1, SS2, SS3
1.7
V
NMOS Gate Drivers
GATE1, GATE2, GATE3 Output Rise Time (tr)
CGATE = 3300pF (Note 5)
25
ns
GATE1, GATE2, GATE3 Output Fall Time (tf)
CGATE = 3300pF (Note 5)
25
ns
Gate Output Low (VOL)
0.1
V
Gate Output High (VOH)
INTVCC –
0.05
V
PMOS Gate Drivers
TG1, TG2, TG3 Turn-On Time
CTG = 1000pF (Note 6)
200
ns
TG1, TG2, TG3 Turn-Off Time
CTG = 1000pF (Note 6)
70
ns
PMOS Gate On Voltage
(ISP1-TG1, ISP2-TG2, ISP3-TG3)
6.5
V
PMOS Gate Off Voltage
(ISP1-TG1, ISP2-TG2, ISP3-TG3)
0.3
V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Do not apply a positive or negative voltage or current source
to SW1, SW2, GATE1, GATE2, GATE3, TG1, TG2, TG3 pins, otherwise
permanent damage may occur.
Note 3: The LT3797E is guaranteed to meet performance specifications
from the 0°C to 125°C junction temperature. Specifications over the
–40°C to 125°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
The LT3797I is guaranteed over the full –40°C to 125°C operating junction
temperature range.
Note 4: FBH(REG) denotes the regulation voltage (|ISP-FBH|) of the
corresponding FBH pin.
Note 5: Rise and fall times are measured at 10% and 90% levels.
Note 6: Gate turn-on/turn-off time is measured from 50% level of PWM
voltage to 90% level of gate on/off voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com