Electronic Components Datasheet Search
  English  ▼

X  

LT3797 Datasheet(PDF) 29 Page - Linear Technology

Part # LT3797
Description  Triple Output LED Driver Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3797 Datasheet(HTML) 29 Page - Linear Technology

Back Button LT3797 Datasheet HTML 25Page - Linear Technology LT3797 Datasheet HTML 26Page - Linear Technology LT3797 Datasheet HTML 27Page - Linear Technology LT3797 Datasheet HTML 28Page - Linear Technology LT3797 Datasheet HTML 29Page - Linear Technology LT3797 Datasheet HTML 30Page - Linear Technology LT3797 Datasheet HTML 31Page - Linear Technology LT3797 Datasheet HTML 32Page - Linear Technology LT3797 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LT3797
29
3797f
For more information www.linear.com/LT3797
TYPICAL APPLICATIONS
Triple Boost LED Driver
RSS1-3**
470k
OVLO
CTRL1-3
VREF
VREF
RT
SYNC
SW1
BOOST
INTVCC
INTVCC
GND
VC1-3
FBH1-3
SW2
RT
48.7k
300kHz
CSS1-3
0.1µF
LPWR
47µH
PWM1-3
FLT1-3
FLT1-3
SS1-3
SS1-3
INTVCC
VREF
100k
CIN1-3
4.7µF
×3
CIN3
1µF
CBST
0.1µF
*D4-6: OPTION FOR SHORT LED PROTECTION
**RSS1-3: OPTIONAL FOR FAULT LATCHOFF
CVCC
10µF
3797 TA02
CC1-3
10nF
RC1-3
4.7k
R12-R14
1M
R9-R11
20.5k
R7
47.5k
VIN
2.5V TO 40V
(60V TRANSIENT,
41V INTERNAL
OVLO PROTECTION)
R8
49.9k
ISP1-3
EN/UVLO
D1-D3: DIODES INC. PDS5100
D4-D6: VISHAY SILICONIX ES1C
L1-L3: COILTRONICS HC9-100-R
LPWR: COILTRONICS SD25-470
M1, M3, M5: INFINEON BSC123N08NS3-G
M2, M4, M6: VISHAY SILICONIX Si7113DN
VIN
ISN1-3
GATE1 SENSEP1 SENSEN1 TG1
R1
8m
R3
8m
R5
8m
M2
M4
M3
M6
M5
M1
0.1µF
D1
D4*
VLED1+
D5*
VLED2+
D6*
VLED3+
D2
D3
COUT1
4.7µF
100V
×2
COUT2
4.7µF
100V
×2
COUT3
4.7µF
100V
×2
R6
250m
L1
10µH
L2
10µH
L3
10µH
GATE2 SENSEP2 SENSEN2 TG2
LT3797
GATE3 SENSEP3 SENSEN3 TG3
1A
50V
ISN3
ISP3
R4
250m
ISN2
ISP2
R2
250m
ISN1
ISP1
1A
50V
1A
50V
487k
75k
VIN
0.1µF
0.1µF
Efficiency and Output Current vs VIN
Fault (Short LED) Protection without RSS1-3: Hiccup Mode
Fault (Short LED) Protection without RSS1-3: Latchoff Mode
500:1 PWM Dimming at 120Hz
VIN (V)
0
50
55
65
70
75
100
85
10
20
25
3797 TA02b
60
90
95
80
0
0.2
0.6
0.8
1.0
2.0
1.4
0.4
1.6
1.8
1.2
5
15
30
35
40
PWM1-3 = 2V
EFFICIENCY
OUTPUT CURRENT
PWM
5V/DIV
IL
5A/DIV
ILED
1A/DIV
5µs/DIV
VIN = 12V
3797 TA02c
SS1-3
2V/DIV
IM2,4,6
10A/DIV
VLED1-3+
50V/DIV
FLT1-3
10V/DIV
50ms/DIV
3797 TA02d
SS1-3
2V/DIV
IM2,4,6
10A/DIV
VLED1-3+
100V/DIV
FLT1-3
10V/DIV
50ms/DIV
3797 TA02e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com