Electronic Components Datasheet Search
  English  ▼

X  

LT3797 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3797
Description  Triple Output LED Driver Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3797 Datasheet(HTML) 3 Page - Linear Technology

  LT3797 Datasheet HTML 1Page - Linear Technology LT3797 Datasheet HTML 2Page - Linear Technology LT3797 Datasheet HTML 3Page - Linear Technology LT3797 Datasheet HTML 4Page - Linear Technology LT3797 Datasheet HTML 5Page - Linear Technology LT3797 Datasheet HTML 6Page - Linear Technology LT3797 Datasheet HTML 7Page - Linear Technology LT3797 Datasheet HTML 8Page - Linear Technology LT3797 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LT3797
3
3797f
For more information www.linear.com/LT3797
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 24V; EN/UVLO = 24V; CTRL1, CTRL2, CTRL3, PWM1, PWM2,
PWM3 = 2V; SENSEN1, SENSEN2, SENSEN3 = 0V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Minimum Operation Voltage
l
2.5
V
VIN Overvoltage Lockout
Rising VIN
Falling Hysteresis
l
40
41
1
42.5
V
V
VIN Shutdown IQ
EN/UVLO = 0V
EN/UVLO = 1.15V
0.1
1
15
µA
µA
VIN Operating IQ (Not Switching)
PWM1, PWM2, PWM3 = 0V, INTVCC = 8V
0.5
0.75
mA
INTVCC Operating IQ (Not Switching)
PWM1, PWM2, PWM3 = 0V, INTVCC = 8V
2.4
3
mA
VREF Voltage
0µA ≤ IVREF ≤ 450µA
l
1.955
2.00
2.035
V
VREF Line Regulation
2.5V ≤ VIN ≤ 40V
0.001
%/V
SENSEP1-SENSEN1, SENSEP2-SENSEN2,
SENSEP2-SENSEN2 Current Limit Threshold
l
100
110
120
mV
SENSEP1, SENSEP2, SENSEP3 Input Bias Current Current Out of Pin, SENSEP1, SENSEP2,
SENSEP3 = 0V
55
μA
SENSEN1, SENSEN2, SENSEN3 Input Bias Current Current Out of Pin
210
μA
Integrated INTVCC Power Supply
INTVCC Regulation Voltage
l
7.15
7.5
7.75
V
INTVCC Undervoltage Lockout Threshold
Falling INTVCC
Hysteresis
5.15
5.25
0.4
5.4
V
V
INTVCC Line Regulation (ΔVINTVCC/ΔVIN)
2.5V < VIN < 40V
0.001
0.02
%
Error Amplifiers
LED Current Sense Threshold (ISP1-ISN1,
ISP2-ISN2, ISP3-ISN3)
ISP1, ISP2, ISP3, FBH1, FBH2, FBH3 = 48V
ISN1, ISN2, ISN3, FBH1, FBH2, FBH3 = 0V
l
l
243
238
250
250
257
272
mV
mV
8/10th LED Current Sense Threshold (ISP1-ISN1,
ISP2-ISN2, ISP3-ISN3)
CTRL1, CTRL2, CTRL3=1.1V, ISP1, ISP2, ISP3 = 48V
CTRL1, CTRL2, CTRL3=1.1V, ISN1, ISN2, ISN3 = 0V
l
l
194.5
192
200
200
203.5
218
mV
mV
1/10th LED Current Sense Threshold (ISP1-ISN1,
ISP2-ISN2, ISP3-ISN3)
CTRL1, CTRL2, CTRL3=0.3V, ISP1, ISP2, ISP3 = 48V
CTRL1, CTRL2, CTRL3=0.3V, ISN1, ISN2, ISN3 = 0V
l
l
17
15
25
25
29
34
mV
mV
CTRL1, CTRL2, CTRL3 Range for Linear Current
Sense Threshold Adjustment
l
0.2
1.2
V
CTRL1, CTRL2, CTRL3 Input Bias Current
Current Out of Pin, CTRL1, CTRL2, CTRL3 = 0.3V
50
100
nA
CTRL1, CTRL2, CTRL3 Idle Mode Threshold
Falling
Hysteresis
135
150
20
170
mV
mV
LED Current Sense Amplifier Input Common Mode
Range (ISN1, ISN2, ISN3)
l
0
100
V
LED Overcurrent Protection Threshold
(ISP1-ISN1, ISP2-ISN2, ISP3-ISN3)
ISP1, ISP2, ISP3, FBH1, FBH2, FBH3 = 48V
1000
mV
ISP1, ISP2, ISP3 Input Bias Current (Active)
ISP1, ISP2, ISP3, ISN1, ISN2, ISN3 = 48V
ISP1, ISP2, ISP3, ISN1, ISN2, ISN3 = 0V
630
–100
µA
nA
ISP1, ISP2, ISP3 Input Bias Current (Idle)
PWM1, PWM2, PWM3=0V , ISP1, ISP2, ISP3, ISN1,
ISN2, ISN3 = 48V
2
µA
PWM1, PWM2, PWM3, ISP1, ISP2, ISP3, ISN1,
ISN2, ISN3 = 0V
–40
nA
ISN1, ISN2, ISN3 Input Bias Current (Active)
ISP1, ISP2, ISP3, ISN1, ISN2, ISN3 = 48V
ISP1, ISP2, ISP3, ISN1, ISN2, ISN3 = 0V
20
–100
µA
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com