Electronic Components Datasheet Search
  English  ▼

X  

LT3797 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3797
Description  Triple Output LED Driver Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3797 Datasheet(HTML) 1 Page - Linear Technology

  LT3797 Datasheet HTML 1Page - Linear Technology LT3797 Datasheet HTML 2Page - Linear Technology LT3797 Datasheet HTML 3Page - Linear Technology LT3797 Datasheet HTML 4Page - Linear Technology LT3797 Datasheet HTML 5Page - Linear Technology LT3797 Datasheet HTML 6Page - Linear Technology LT3797 Datasheet HTML 7Page - Linear Technology LT3797 Datasheet HTML 8Page - Linear Technology LT3797 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LT3797
1
3797f
For more information www.linear.com/LT3797
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Triple Output LED Driver
Controller
The LT®3797 is a triple output DC/DC controller designed
to drive three strings of LEDs. The fixed frequency, current
mode architecture results in stable operation over a wide
range of supply and output voltages. The LT3797 includes
anintegratedDC/DCconvertertoproducearegulated7.5V
supply for the N-channel MOSFET gate drivers of the three
channels.Thishighefficiencyconverterenablesthepartto
operate from a wide input voltage range from 2.5V to 40V.
The LT3797 is designed so that each converter can use the
most suitable configuration to drive its LED load, whether
step-up, step-down or a combination. Two key features
enable this flexibility: first the LT3797 can sense output
current at the high side of the LED string; and second, the
voltage feedback pin, FBH, is referred to the ISP current
sensing input. The CTRL inputs provide output current
analog dimming capability. The TG drivers level shift the
PWMsignalstodrivethegatesofexternalLED-disconnect
P-channel MOSFETs, allowing high PWM dimming range,
andprovidingLEDovercurrentprotectionandshort-circuit
protected boost capability.
Triple Boost LED Driver
APPLICATIONS
n
Three Independent LED Driver Channels
n
Wide Input Voltage Range: 2.5V to 40V
n
VIN Transient Ride-Through Up to 60V
n
Rail-to-Rail LED Current Sense: 0V to 100V
n
3000:1 PWM Dimming
n
TG Drivers for PMOS LED Disconnection
n
Operates in Boost, Buck Mode, Buck-Boost Mode,
SEPIC or Flyback Topology
n
Open-LED Protection
n
Short-Circuit Protected Boost Capable
n
Fault Flags for Independent Channels
n
Programmable VIN Undervoltage and Overvoltage
Lockout
n
Adjustable Switching Frequency: 100kHz to 1MHz
n
Synchronizeable to an External Clock
n
CTRL Pins Provide Analog Dimming
n
Programmable Soft-Start
n
52-Lead QFN Package
n
Automotive and Industrial Lighting
n
RGB Lighting
n
Billboards and Large Displays
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 7199560, 7321203, 7746300.
OVLO
CTRL1-3
487k
75k
VREF
VIN
RT
SYNC
SW1
BOOST INTVCC GND
VC1-3
FBH1-3
SW2
48.7k
300kHz
0.1µF
47µH
PWM1-3
FLT1-3
SS1-3
4.7µF
×3
1µF
0.1µF
10µF
3797 TA01
10nF
4.7k
1M
20.5k
47.5k
VIN
2.5V TO 40V
(60V TRANSIENT,
41V INTERNAL
OVLO PROTECTION)
49.9k
ISP1-3
EN/UVLO
VIN
ISN1-3
GATE1 SENSEP1 SENSEN1 TG1
8m
0.1µF
4.7µF
100V
×2
10µH
GATE2 SENSEP2 SENSEN2 TG2
LT3797
8m
10µH
GATE3 SENSEP3 SENSEN3 TG3
8m
1A
50V
1A
50V
ISN3
ISP3
10µH
ISN2
ISP2
ISN1
ISP1
250m
4.7µF
100V
×2
250m
4.7µF
100V
×2
250m
1A
50V
0.1µF
0.1µF


Similar Part No. - LT3797

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3797EUKG LINER-LT3797EUKG Datasheet
454Kb / 8P
Triple LED Boost Controller
LT3797 LINER-LT3797_15 Datasheet
459Kb / 36P
Triple Output LED Driver Controller
More results

Similar Description - LT3797

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1745 MICROSEMI-LX1745 Datasheet
439Kb / 16P
Triple Output Boost - LED Driver / LCD Bias
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
Triple Output LED Driver
logo
ON Semiconductor
NCP5623B ONSEMI-NCP5623B Datasheet
159Kb / 11P
Triple Output I2C Controlled RGB LED Driver
February, 2009 ??Rev. 0
NCP5623C ONSEMI-NCP5623C Datasheet
160Kb / 11P
Triple Output I2C Controlled RGB LED Driver
May, 2009 ??Rev. 0
NCP5623 ONSEMI-NCP5623 Datasheet
143Kb / 10P
Triple Output I2C Controlled RGB LED Driver
October, 2008 ??Rev. 6
logo
Linear Technology
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
Triple Output LED Driver
LT3797 LINER-LT3797_15 Datasheet
459Kb / 36P
Triple Output LED Driver Controller
logo
ON Semiconductor
NCP5623B ONSEMI-NCP5623B_15 Datasheet
97Kb / 12P
Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
NCP5623C ONSEMI-NCP5623C_11 Datasheet
133Kb / 11P
Triple Output I2C Controlled RGB LED Driver
July, 2011 ??Rev. 1
NCP5623C ONSEMI-NCP5623C_17 Datasheet
94Kb / 11P
Triple Output I2C Controlled RGB LED Driver
January, 2017 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com