Electronic Components Datasheet Search
  English  ▼

X  

LT3797 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3797
Description  Triple Output LED Driver Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3797 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3797 Datasheet HTML 5Page - Linear Technology LT3797 Datasheet HTML 6Page - Linear Technology LT3797 Datasheet HTML 7Page - Linear Technology LT3797 Datasheet HTML 8Page - Linear Technology LT3797 Datasheet HTML 9Page - Linear Technology LT3797 Datasheet HTML 10Page - Linear Technology LT3797 Datasheet HTML 11Page - Linear Technology LT3797 Datasheet HTML 12Page - Linear Technology LT3797 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LT3797
9
3797f
For more information www.linear.com/LT3797
PIN FUNCTIONS
TG1, TG2, TG3 (Pins 14, 33, 35): Top Gate Driver Out-
put Pins for Driving LED Loads Disconnect P-Channel
MOSFETs (PMOSs). One for each channel. An inverted
PWM signal drives an external PMOS gate of the respec-
tive converter between VISP and (VISP – 6.5V). Leave TG
pins unconnected if not used.
ISN1,ISN2,ISN3(Pins15,32,36):ConnectionPointsfor
the Negative Terminals of the Current Feedback Resistors.
ISP1, ISP2, ISP3 (Pins 16, 31, 37): Connection Points
for the Positive Terminals of the Current Feedback Resis-
tors. Also serves as positive rails for TG pin drivers and
the reference point for FBH.
FBH1, FBH2, FBH3 (Pins 17, 30, 38): Voltage Loop Feed-
back Pins. The output feedback voltage VFB is measured
between the ISP pin and the FBH pin (absolute value):
VFB = |ISP – FBH|. The FBH pin is intended for constant-
voltage regulation or for LED protection/open-LED detec-
tion for each channel. In an open-LED event, the internal
amplifier with output VC regulates VFB to 1.25V (typical)
through the respective converter. If VFB is above the over-
voltage threshold (typical 1.3V), the TG pin of the same
channel is driven high to disconnect the external PMOS to
protect the LEDs from an overvoltage event. Either open-
LED or overvoltage event signals a fault condition. Do
not leave the FBH pins open. It requires ISP to be no less
than 4.5V to maintain an accurate VFB1 voltage sense. If
ISP falls below 4.5V, the voltage regulation is deactivated
and the ISP-ISN current regulation dominates regardless
of the |ISP-FBH| value. If not used, connect the FBH pin
to the ISP pin of the same channel.
VC1, VC2, VC3 (Pins 19, 28, 40): Error Amplifier Com-
pensation Pins. Connect a series RC from each VC pin to
GND. In each channel, the VC pin is high impedance when
the PWM pin is low, or the CTRL pin is below 150mV. This
feature allows the VC pin to store the demand current
state variable for the next PWM or CTRL high transition.
SS1, SS2, SS3 (Pins 20, 27, 41): Soft-Start Pins. Each
SS pin modulates compensation VC pin voltage of the
respective channel. Each of the soft-start intervals is set
with an external capacitor.
SENSEN1, SENSEN2, SENSEN3 (Pins 21, 26, 42): The
NegativeCurrentSenseInputsfortheControlLoops.Kelvin
connect the SENSEN pin to the negative terminal of the
switch current sense resistor (which connects to the GND
plane) of the respective converter. Connect SENSEN pin
to SENSEP pin of the same channel with a 0.1µF ceramic
capacitor placed close to pins.
SENSEP1, SENSEP2, SENSEP3 (Pins 22, 25, 43): The
Positive Current Sense Inputs for the Control Loops.
Kelvin connect the SENSEP pin to the positive terminal
of the switch current sense resistor in the source of the
externalN-channelMOSFET(NMOS)switchoftherespec-
tive converter. Connect SENSEP pin to SENSEN pin of
the same channel with a 0.1µF ceramic capacitor placed
close to pins.
GATE1, GATE2, GATE3 (Pins 23, 24, 44): N-Channel
MOSFET Gate Driver Outputs. Switch between INTVCCand
GND. Driven to GND during shutdown, fault or idle states.
INTVCC(Pins45,46):INTVCCpinsaretheintegratedpower
supplyoutputvoltagenodesthatprovidesupplyforcontrol
circuits and NMOS gate drivers. The two INTVCC pins are
internally shorted. Must be bypassed with a 10µF ceramic
capacitor placed close to the pins.
SW2 (Pin 47): Integrated Power Supply Switch Node.
Connect this pin to one side of the integrated power sup-
ply inductor.
BOOST (Pin 48): Connect this pin to SW1 pin through a
0.1µF ceramic capacitor.
SW1 (Pin 49): Integrated Power Supply Switch Node.
Connect this pin to the other side of the integrated power
supply inductor, and to the BOOST pin with a 0.1µF ce-
ramic capacitor.
VIN (Pin 50): Input Supply Pin. If VIN is over 41V (typical),
the integrated INTVCC power supply is turned off. All three
channels are also turned off (including pulling the GATE
pins to GND and TG pins to ISP) and the soft-starts are
reset. Must be locally bypassed with low ESR capacitors
placed close to the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com