Electronic Components Datasheet Search
  English  ▼

X  

LT3797 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3797
Description  Triple Output LED Driver Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3797 Datasheet(HTML) 2 Page - Linear Technology

  LT3797 Datasheet HTML 1Page - Linear Technology LT3797 Datasheet HTML 2Page - Linear Technology LT3797 Datasheet HTML 3Page - Linear Technology LT3797 Datasheet HTML 4Page - Linear Technology LT3797 Datasheet HTML 5Page - Linear Technology LT3797 Datasheet HTML 6Page - Linear Technology LT3797 Datasheet HTML 7Page - Linear Technology LT3797 Datasheet HTML 8Page - Linear Technology LT3797 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LT3797
2
3797f
For more information www.linear.com/LT3797
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UVLO............................................................60V
INTVCC, SYNC, OVLO, PWM1, PWM2, PWM3............8V
ISN1.......................................................ISP1-1.5V, 100V
ISN2.......................................................ISP2-1.5V, 100V
ISN3.......................................................ISP3-1.5V, 100V
FBH1 ...................................................... ISP1 ±6V, 100V
FBH2 ...................................................... ISP2 ±6V, 100V
FBH3 ...................................................... ISP3 ±6V, 100V
VC1, VC2, VC3, VREF, SS1, SS2, SS3 ..........................3V
CTRL1, CTRL2, CTRL3, FLT1, FLT2, FLT3...................12V
RT ............................................................................1.5V
SENSEP1, SENSEP2, SENSEP3, SENSEN1,
SENSEN2, SENSEN3, .............................................±0.3V
SW1, SW2, BOOST, TG1, TG2, TG3, GATE1,
GATE2, GATE3 .................................................. (Note 2)
Operating Ambient Temperature Range
(Note 3)...................................................... –40 to 125°C
Maximum Junction Temperature .......................... 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
16
15
17
19
TOP VIEW
53
GND
UKG PACKAGE
VARIATION: UKG52(47)
52-LEAD (7mm
× 8mm) PLASTIC QFN
20 21 22 23 24 25 26
51
52
50 49 48 47 46 45 44 43 42 41
33
35
36
37
38
40
8
7
6
5
4
3
2
1
FLT1
FLT2
FLT3
PWM1
PWM2
PWM3
VREF
CTRL1
CTRL2
CTRL3
RT
SYNC
TG1
VC3
FBH3
ISP3
ISN3
TG3
TG2
ISN2
ISP2
FBH2
VC2
SS2
32
31
30
28
27
9
10
11
12
14
θJA = 28°C/W
EXPOSED PAD (PIN 53) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3797EUKG#PBF
LT3797EUKG#TRPBF
LT3797UKG
52-Lead (7mm
× 8mm) Plastic QFN
–40°C to 125°C
LT3797IUKG#PBF
LT3797IUKG#TRPBF
LT3797UKG
52-Lead (7mm
× 8mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com