Electronic Components Datasheet Search
  English  ▼

X  

LT3797 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3797
Description  Triple Output LED Driver Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3797 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3797 Datasheet HTML 2Page - Linear Technology LT3797 Datasheet HTML 3Page - Linear Technology LT3797 Datasheet HTML 4Page - Linear Technology LT3797 Datasheet HTML 5Page - Linear Technology LT3797 Datasheet HTML 6Page - Linear Technology LT3797 Datasheet HTML 7Page - Linear Technology LT3797 Datasheet HTML 8Page - Linear Technology LT3797 Datasheet HTML 9Page - Linear Technology LT3797 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LT3797
6
3797f
For more information www.linear.com/LT3797
TYPICAL PERFORMANCE CHARACTERISTICS
VISP-ISN Threshold at
CTRL = 0.7V vs Temperature
ISP/ISN Input Bias Current
vs VISP, VISN
VISP-ISN Threshold vs V|ISP-FBH|
|ISP-FBH| Regulation Voltage
vs Temperature, VISP
VREF Voltage vs Temperature
VREF Voltage vs VIN
VISP-ISN Threshold vs VCTRL
VISP-ISN Threshold vs VISP
VISP-ISN Full-Scale Threshold
vs Temperature
TA = 25°C unless otherwise noted.
TEMPERATURE (°C)
–50
253
25
3797 G03
250
248
–25
0
50
247
246
254
252
251
249
75
100 125
VISP = 48V
VISP, VISN (V)
0
300
400
500
60
ISP
ISN
100
3797 G05
200
100
0
20
40
80
600
700
800
V|ISP-FBH| (V)
1.1
0
50
100
150
200
250
300
VISP = 48V
1.15
1.2
1.25
1.3
3797 G06
TEMPERATURE (°C)
–50
1.240
1.245
1.250
1.255
1.260
–25
0
25
50
3797 G07
75
100 125
VISP = 4.5V
VISP = 100V
VISP = 48V
TEMPERATURE (°C)
–50
2.03
25
3797 G08
2.00
1.98
–25
0
50
1.97
1.96
2.04
2.02
2.01
1.99
75
100 125
IREF = 0µA
IREF = 450µA
VIN (V)
0
1.990
1.995
2.000
2.005
2.010
5
10
15
20
3797 G09
25
30
35
40
VISP (V)
0
249
250
251
60
100
3797 G02
248
247
246
20
40
80
252
253
254
VCTRL (V)
0
0
50
100
150
200
0.4
0.8
1.2
1.6
3797 G01
250
300
0.2
0.6
1.0
1.4
TEMPERATURE (°C)
–50
201
202
203
25
75
3797 F04
200
199
–25
0
50
100
125
198
197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com