Electronic Components Datasheet Search
  English  ▼

X  

LT3797 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3797
Description  Triple Output LED Driver Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3797 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3797 Datasheet HTML 15Page - Linear Technology LT3797 Datasheet HTML 16Page - Linear Technology LT3797 Datasheet HTML 17Page - Linear Technology LT3797 Datasheet HTML 18Page - Linear Technology LT3797 Datasheet HTML 19Page - Linear Technology LT3797 Datasheet HTML 20Page - Linear Technology LT3797 Datasheet HTML 21Page - Linear Technology LT3797 Datasheet HTML 22Page - Linear Technology LT3797 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
LT3797
19
3797f
For more information www.linear.com/LT3797
Figure 6. A Typical Inductor Waveform
APPLICATIONS INFORMATION
The LT3797 fault protection can be configured as the latch-
off mode by connecting a 470k resistor between the SS
pin and VREF pin. The FAULT2 conditions (see Figure 4)
cause the LT3797 latch off. The LT3797 does not retry a
soft-start even if the fault condition is cleared, since the SS
pin is not able to fall below 0.2V by the 2.5µA pull-down
current to reset the latch, due to the pulling up of the 470k
resistor. The latch-off can only be cleared by toggling the
EN/UVLO pin low to high.
The open-LED fault and the output overvoltage fault are
not included in FAULT2 in Figure 5. These two faults do
not affect the soft-start status. The open-LED fault in
channel 1 causes FLT1 low. The output overvoltage fault
in channel  1 causes FLT1 low and TG1 high to disconnect
the LED load from power path.
APPLICATION CIRCUIT DESIGN GUIDELINE
The LT3797 contains three independent switching regu-
lators. The following sections describe the LT3797 LED
driver design guideline for the key parameters calculation
and external components selection. The design guideline
applies to each of the switching regulators.
Switch Duty Cycle
The LT3797 can be configured with different topologies.
The boost LED driver is used for the applications where the
LED voltage is higher than the input voltage. The LT3797
can be configured as a buck mode LED driver for the ap-
plications where the LED voltage is lower than the input
voltage. The buck-boost mode and the SEPIC LED driver
allow for the input voltage to be higher, equal to or lower
than the LED voltage. The switch duty cycles of different
topologies in continuous conduction mode (CCM) are:
DBOOST =
VLED – VIN
VLED
DBUCK =
VLED
VIN
DBUCK-BOOST =
VLED
VLED + VIN
DSEPIC =
VLED
VLED + VIN
Themaximumdutycycle(DMAX)occurswhentheconverter
has the minimum input voltage (VIN(MIN)).
Inductor Selection
Figure 6 shows a typical inductor current waveform
when the LED driver has maximum output current at the
minimum input voltage.
∆IL and IL_AVG(MAX) denote the
inductorripplecurrentandthemaximumaverageinductor
current respectively.
∆IL
t
3739 F06
IL_AVG(MAX)
IL
IL(PEAK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com