Electronic Components Datasheet Search
  English  ▼

X  

LT3797 Datasheet(PDF) 23 Page - Linear Technology

Part # LT3797
Description  Triple Output LED Driver Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3797 Datasheet(HTML) 23 Page - Linear Technology

Back Button LT3797 Datasheet HTML 19Page - Linear Technology LT3797 Datasheet HTML 20Page - Linear Technology LT3797 Datasheet HTML 21Page - Linear Technology LT3797 Datasheet HTML 22Page - Linear Technology LT3797 Datasheet HTML 23Page - Linear Technology LT3797 Datasheet HTML 24Page - Linear Technology LT3797 Datasheet HTML 25Page - Linear Technology LT3797 Datasheet HTML 26Page - Linear Technology LT3797 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
LT3797
23
3797f
For more information www.linear.com/LT3797
APPLICATIONS INFORMATION
High Side PMOS Disconnect Switch Selection
A PMOS with a minimum VGS(TH) of –1V to –2V is rec-
ommended for the high side disconnect switch in most
LT3797 applications to improve the PWM dimming ratio
and protect the LED array from excessive heating during
fault conditions. The PMOS BVDSS rating must be higher
than the open-LED regulation voltage set by the FBH pin.
The maximum continuous drain current ID(MAX) rating
should be higher than the maximum LED current.
Input Capacitor Selection
The input capacitor CIN supplies the AC ripple current to
the power inductor of the converter and must be placed
and sized according to the transient current requirements.
Theswitchingfrequency,outputcurrentandtolerableinput
voltage ripple are key inputs to estimating the required
capacitor value. The X5R or X7R type ceramic capacitors
are usually good choices since they have small variation
withtemperatureandDCbias.Typically,theboostorSEPIC
converter requires a lower value input capacitor than the
buck mode or buck-boost mode converter, due to the fact
that its inductor is in series with the input, and the input
current waveform is continuous. The input capacitor value
can be estimated based on the inductor ripple
∆IL (refer to
Inductor Selection section), the switching frequency, and
the acceptable input voltage ripple
∆VIN on CIN. CIN value
of the boost and SEPIC converter can be calculated by:
CIN = 0.125•
∆IL
∆VIN • f
CIN value of the buck mode and buck-boost mode LED
driver can be calculated by:
CIN =ILED •
VLED • VIN(MIN) – VLED
(
)
VIN(MIN)2 • ∆VIN • f
Output Capacitor Selection
The output filter capacitors should be sized to attenuate
the LED current ripple. Use of X5R or X7R type ceramic
capacitors is recommended. To achieve the same LED
ripple current, the required filter capacitor is smaller in the
buck mode applications than that in the boost, buck-boost
mode and SEPIC applications. This is due to the fact that,
in the buck converter, the inductor is in series with the
output and the ripple current flowing through the output
capacitor is continuous. Lower operating frequencies will
require proportionately higher capacitor values.
The DC Coupling Capacitor Selection for
SEPIC LED Driver
The DC voltage rating of the DC coupling capacitor, CDC,
connected between the primary and secondary inductors
should be larger than the maximum input voltage:
VCDC > VIN(MAX)
CDC has nearly a rectangular current waveform in CCM.
During the switch off-time, the current through CDCisIVIN,
while approximately –ILED flows during the on-time. The
CDC voltage ripple causes distortions on the primary and
secondary inductor current waveforms. The CDC should
be sized to limit its voltage ripple. The power loss on the
CDC ESR reduces the LED driver efficiency. Therefore, the
sufficient low ESR ceramic capacitors should be selected.
TheX5RorX7RceramiccapacitorisrecommendedforCDC.
Integrated INTVCC Power Supply
The LT3797 includes an internal switch mode DC/DC con-
verter to generate a regulated 7.5V INTVCC power supply
to power the NMOS gate drivers of the three channels
(IDRIVE). This INTVCC power supply can also be used to
drive external circuits (IEXT). This INTVCC power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com