Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 108 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 108 Page - ams AG

Back Button AS3658 Datasheet HTML 104Page - ams AG AS3658 Datasheet HTML 105Page - ams AG AS3658 Datasheet HTML 106Page - ams AG AS3658 Datasheet HTML 107Page - ams AG AS3658 Datasheet HTML 108Page - ams AG AS3658 Datasheet HTML 109Page - ams AG AS3658 Datasheet HTML 110Page - ams AG AS3658 Datasheet HTML 111Page - ams AG AS3658 Datasheet HTML 112Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
107 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption- Audio Functi ons
Register Description
Table 111. MIC_R Register
Addr:87
MIC_R
Right Microphone Input Register
Configures the gain from microphone amplifier output
Bit
Bit Name
Default
Access
Description
4:0
mr_vol
00000b
R/W
volume settings for right microphone input, adjustable
in 32 steps @ 1.5dB; gain from microphone amplifier
00000
-40.5 dB gain
00001
-39 dB gain
.....
11110
4.5 dB gain
11111
6 dB gain
6:5
pre_gain
00
R/W
Sets the gain of the microphone preamplifier
00
gain set to 28 dB
01
gain set to 34 dB
10
gain set to 40 dB
11
reserved, do not use
7
mic_agc_off
0
R/W
Control of limiter AGC (automatic gain control). Limits
high dynamic range of electret/MEMS microphone
(e.g. user shouts or blows into microphone)
0
automatic gain control enabled
1
automatic gain control disabled
Table 112. MIC_L Register
Addr:88
MIC_L
Left Microphone Input Register
Configures the gain from microphone amplifier output
Bit
Bit Name
Default
Access
Description
4:0
ml_vol
00000
R/W
volume settings for left microphone input, adjustable in 32
steps @ 1.5dB; gain from microphone amplifier
00000
-40.5 dB gain
00001
-39 dB gain
.....
11110
4.5 dB gain
11111
6 dB gain
5
rdet_off
0
R/W
Disables the microphone detect function (30k
Ω pull-up
from MICS to VDAC) to use the terminal as ADC-10
input
0
microphone detection enabled
1
microphone detection disabled
6
mute_off
0
R/W
Control of MUTE
0
microphone input set to mute
1
gain set to 34 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com