Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 110 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 110 Page - ams AG

Back Button AS3658 Datasheet HTML 106Page - ams AG AS3658 Datasheet HTML 107Page - ams AG AS3658 Datasheet HTML 108Page - ams AG AS3658 Datasheet HTML 109Page - ams AG AS3658 Datasheet HTML 110Page - ams AG AS3658 Datasheet HTML 111Page - ams AG AS3658 Datasheet HTML 112Page - ams AG AS3658 Datasheet HTML 113Page - ams AG AS3658 Datasheet HTML 114Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
109 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption- Audio Functi ons
9.10
Line Output
9.10.1 General
The line output is designed to provide the audio signal on 600
Ω min.
This output stage has an independent gain regulation for left and right channel with 32 steps @ 1.5dB each. The gain
can be set from –40.5dB to +6dB.
9.10.2 No-Pop Function
To avoiding click and pop noise during power-up and shutdown, the output is automatically set to mute when the output
stage is disabled. Also the volume settings are set to their default values, and can’t be changed, as long the output
stage is not enabled.
LINE_CM pin, which needs a 0.1µF... 1µF capacitor outside gets charged on power-up with 1µA to ALVDD/2. After
start-up the DC level of the following pins are the same: LOUT_L=LOUT_R=LINE_CM= ALVDD/2. The Start-up time
before releasing mute is about 150ms with 0.1µF. To avoid pop-noise 150ms discharging time of LINE_CM after a
shutdown, have to be waited before starting up again.
9.10.3 Ground Noise Cancellation
The purpose of the ground cancellation circuit is to compensate noise (ground noise) between different grounds (e.g.
the ground where the AS3658 is soldered versus e.g. the ground of a car amplifier (see Figure 50)). This noise
between these different grounds can be caused e.g. by a high current devices like a motor-fan. The ground
cancellation circuit can be used for line and headphone amplifiers.
The circuit works as follows:
The ground noise gets added inside the AS3658 to the audio signal (input LINE_CM for the Line Out amplifier or
HP_CM for headphone amplifier) in a way that it cancels inside the car amplifier. The sense point is connected with
RGND_SEP (20
Ω) to the battery ground.
4
agc_off
0
R/W
Switches the signal limiter OFF
0
automatic gain control for summing stage
enabled
1
automatic gain control for summing stage
disabled
5
dacmix_off
0
R/W
Input from DAC to R and L
0ON
1OFF
6
micmix_off
0
R/W
Input from microphone to R and L
0ON
1OFF
7
linmix_off
0
R/W
Input from line input to R and L
0ON
1OFF
Table 113. AudioSet_3 Register
Addr:76
Audio_set3 register
Configures the mixer inputs and AGC
Bit
Bit Name
Default
Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com