Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 111 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 111 Page - ams AG

Back Button AS3658 Datasheet HTML 107Page - ams AG AS3658 Datasheet HTML 108Page - ams AG AS3658 Datasheet HTML 109Page - ams AG AS3658 Datasheet HTML 110Page - ams AG AS3658 Datasheet HTML 111Page - ams AG AS3658 Datasheet HTML 112Page - ams AG AS3658 Datasheet HTML 113Page - ams AG AS3658 Datasheet HTML 114Page - ams AG AS3658 Datasheet HTML 115Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
110 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption- Audio Functi ons
The ground cancellation can be disabled by shorting the 20
Ω resistor setting bit gnd_sw to ‘1’. This bit should be set if
e.g. a headphone instead of the car amplifier is connected to the output jack.
Note: A similar cicuit can be used for the headphone amplifier.
Figure 50. Ground Noise Cancellation Application Schematic
9.10.4 Power Save Options
To save power, a reduction of the bias current can be selected.
Table 114. Line Power-Save Options
IBR_LINE
IDD_LINE (typ.)
9.10.5 Parameter
02.2mA
11.5mA
Table 115. Line out Block Characteristics
Parameter
Min
Typ
Max
Unit
Analog Performance
R_Load at LOUT_L and LOUT_R single ended
600
Ω
Gain Step Precision (RLmin-max,20Hz-20kHz)
±0.5
dB
SINAD no load, LineIn-> Line out, A-weighted
-97
dB
THD @ 1kHz, no load
-88
dB
THD @ 1kHz, 600
Ω
-80
dB
PSRR (200Hz-20kHz)
60
90
dB
IOUT_powerdown
-20
20
µA
Tpower_up (C_LINECM=100nF)
150
ms


!
"#


$
% % !
"# &
'
(
)
*
*
'
$+
$+
,-./
+0*
(
)
(122 3
* 4
(
(122 3
! 5(#
(

'16*
'16*
+0*
))- /
'16
,-./
'16
,-./
$+*02
)-7
'16
89:7
'16
89:7
$+ *02
/ +;9)
(
)%)./
$+*<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com