Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 148 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 148 Page - ams AG

Back Button AS3911 Datasheet HTML 141Page - ams AG AS3911 Datasheet HTML 142Page - ams AG AS3911 Datasheet HTML 143Page - ams AG AS3911 Datasheet HTML 144Page - ams AG AS3911 Datasheet HTML 145Page - ams AG AS3911 Datasheet HTML 146Page - ams AG AS3911 Datasheet HTML 147Page - ams AG AS3911 Datasheet HTML 148Page - ams AG AS3911 Datasheet HTML 149Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 148 / 149 page
background image
AS3911 – 148
ams Datasheet, Confidential: 2013-Oct [2-03]
Ref e r e nc e Gu ide
76
Receiver Configuration Register 2
77
Receiver Configuration Register 3
78
Receiver Configuration Register 4
79
Mask Receive Timer Register
79
No-response Timer Register 1
80
No-response Timer Register 2
80
General Purpose and No-response Timer
Control Register
81
General Purpose Timer Register 1
82
General Purpose Timer Register 2
82
Mask Main Interrupt Register
83
Mask Timer and NFC Interrupt Register
84
Mask Error and Wake-up Interrupt Register
85
Main Interrupt Register
86
Timer and NFC Interrupt Register
87
Error and Wake-up Interrupt Register
88
FIFO Status Register 1
89
FIFO Status Register 2
90
Collision Display Register
90
Number of Transmitted Bytes Register 1
91
Number of Transmitted Bytes Register 2
91
NFCIP Bit Rate Detection Display Register
92
A/D Converter Output Register
93
Antenna Calibration Control Register
94
Antenna Calibration Target Register
94
Antenna Calibration Display Register
95
AM Modulation Depth Control Register
96
AM Modulation Depth Display Register
96
RFO AM Modulated Level Definition Register
97
RFO Normal Level Definition Register
97
External Field Detector Threshold Register
100 Regulator Voltage Control Register
101 Regulator and Timer Display Register
103 RSSI Display Register
105 Gain Reduction State Register
106 Capacitive Sensor Control Register
107 Capacitive Sensor Display Register
107 Auxiliary Display Register
108 Wake-up Timer Control Register
109 Amplitude Measurement Configuration Register
110 Amplitude Measurement Reference Register
110 Amplitude Measurement Auto-averaging
Display Register
111 Amplitude Measurement Display Register
112 Phase Measurement Configuration Register
113 Phase Measurement Reference Register
113 Phase Measurement Auto-averaging Display Register
114 Phase Measurement Display Register
115 Capacitance Measurement Configuration Register
116 Capacitance Measurement Reference Register
116 Capacitance Measurement Auto-averaging Display
Register
117 Capacitance Measurement Display Register
117 IC Identity Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com