Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 141 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 141 Page - ams AG

Back Button AS3911 Datasheet HTML 137Page - ams AG AS3911 Datasheet HTML 138Page - ams AG AS3911 Datasheet HTML 139Page - ams AG AS3911 Datasheet HTML 140Page - ams AG AS3911 Datasheet HTML 141Page - ams AG AS3911 Datasheet HTML 142Page - ams AG AS3911 Datasheet HTML 143Page - ams AG AS3911 Datasheet HTML 144Page - ams AG AS3911 Datasheet HTML 145Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 149 page
background image
ams Datasheet, Confidential: 2013-Oct [2-03]
AS3911 – 141
Appl icatio n I n f o rm a t i o n
Figure 125:
Example of BPSK Stream Mode for scf = 01b and scp = 01b
Reader to Tag Communication in Stream Mode:
Reader to tag communication control is the same for both
stream modes. Reader to tag coding is defined by data put in
FIFO. The stx bits of Stream Mode Definition Register define the
Tx time period during which one bit of FIFO data define the
status of transmitter. In case the data bit is set to logic 0 there
is no modulation, in case it is logic 1 the transmitted carrier
signal is modulated according to current modulation type
setting (AM or OOK). Transmission in stream mode is started by
sending direct commands Transmit Without CRC or Transmit
With CRC.
Figure below depicts an example for setting stx = 000b. With
this setting the Tx time period is defined to 128/fc (~9,44μs).
Figure 126:
Example of Tx in Stream Mode for stx = 000b and OOK Modulation
Data in FIFO
Input signal
0
8/fc
16/fc
0
1
0
Data in FIFO
Output signal
0
128/fc
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com