Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 140 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 140 Page - ams AG

Back Button AS3911 Datasheet HTML 136Page - ams AG AS3911 Datasheet HTML 137Page - ams AG AS3911 Datasheet HTML 138Page - ams AG AS3911 Datasheet HTML 139Page - ams AG AS3911 Datasheet HTML 140Page - ams AG AS3911 Datasheet HTML 141Page - ams AG AS3911 Datasheet HTML 142Page - ams AG AS3911 Datasheet HTML 143Page - ams AG AS3911 Datasheet HTML 144Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 149 page
background image
AS3911 – 140
ams Datasheet, Confidential: 2013-Oct [2-03]
A p pl i c at io n I n f o r m at i o n
means that no modulation was detected during reporting
period. End of receive is reported when no sub-carrier signal in
more than eight reporting periods have been detected.
Figure below depicts an example for setting scf = 01b and
scp = 10b. With this setting the sub-carrier frequency is set to
fc/32 (424 kHz) and the reporting period to four sub-carrier
periods (128/fc - ~106 μs).
Figure 124:
Example of Sub-carrier Stream Mode for scf = 01b and scp = 10b
BPSK Stream Mode:
This mode supports protocols where during the tag to reader
communication BPSK code is used (like in the ISO14443B mode).
In this mode the sub-carrier frequency and number of
sub-carrier frequency periods in one reporting period is
defined. Sub-carrier frequency in the range from fc/16 (848 kHz)
to fc/4 (3390 kHz) are supported. Supported number of
sub-carrier frequency periods in one reporting period range
from one to eight.
Start of receive interrupt is sent and the first data bit is put in
FIFO after the first reporting time period with sub-carrier is
detected. Logic 0 is used for the initially detected phase, while
logic 1 indicates inverted phase comparing to the initial phase.
End of receive is reported when the first reporting period
without sub-carrier is detected.
Figure below depicts an example for setting scf = 01b and
scp = 01b. With this setting the sub-carrier frequency is set to
fc/8 (1695 kHz) and the reporting period to two sub-carrier
periods (16/fc - ~1.18μs).
DatainFIFO
Inputsignal
1
32/fc
128/fc
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com