Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 137 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 137 Page - ams AG

Back Button AS3911 Datasheet HTML 133Page - ams AG AS3911 Datasheet HTML 134Page - ams AG AS3911 Datasheet HTML 135Page - ams AG AS3911 Datasheet HTML 136Page - ams AG AS3911 Datasheet HTML 137Page - ams AG AS3911 Datasheet HTML 138Page - ams AG AS3911 Datasheet HTML 139Page - ams AG AS3911 Datasheet HTML 140Page - ams AG AS3911 Datasheet HTML 141Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 149 page
background image
ams Datasheet, Confidential: 2013-Oct [2-03]
AS3911 – 137
Appl icatio n I n f o rm a t i o n
Figure 123:
Connection of Tuning Capacitors to the Antenna LC Tank in case of Single (left) and Differential
Driving (right)
Antenna Tuning Using ‘Antenna Calibration Control’ Register
There is also a possibility to control the position of the TRIM
switches by writing the Antenna Calibration Control Register.
When the bit trim_s of this register is set to 1 position of the
trim switches is controlled by bits tre_3 to tre_0.
Using this register and performing phase and amplitude
measurements (using direct commands Measure Phase and
Measure Amplitude) different tuning algorithms can be
implemented in the external controller.
Stream Mode and Transparent Mode
Standard and custom 13.56 MHz RFID reader protocols, which
are not supported by the AS3911 framing, can be realized using
the AS3911 AFE and framing implemented in the external
microcontroller.
Transparent Mode
After sending the direct command Transparent Mode the
external microcontroller directly controls the transmission
modulator and gets the Receiver output (control logic becomes
“transparent”).
TRIM1_0
TRIM1_1
TRIM1_2
TRIM1_3
RF01
RF02
RFI1
RFI2
Antenna
TRIM2_3
TRIM2_2
TRIM2_1
TRIM2_0
TRIM1_0
TRIM1_1
TRIM1_2
TRIM1_3
RF01
RF02
RFI1
RFI2
½ Antenna
½ Antenna
TRIM2_3
TRIM2_2
TRIM2_1
TRIM2_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com