Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 133 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 133 Page - ams AG

Back Button AS3911 Datasheet HTML 129Page - ams AG AS3911 Datasheet HTML 130Page - ams AG AS3911 Datasheet HTML 131Page - ams AG AS3911 Datasheet HTML 132Page - ams AG AS3911 Datasheet HTML 133Page - ams AG AS3911 Datasheet HTML 134Page - ams AG AS3911 Datasheet HTML 135Page - ams AG AS3911 Datasheet HTML 136Page - ams AG AS3911 Datasheet HTML 137Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 149 page
background image
ams Datasheet, Confidential: 2013-Oct [2-03]
AS3911 – 133
Appl icatio n I n f o rm a t i o n
Definition of Modulation Depth Using Bits mod5 to mod0:
The RFID standard documents usually define the AM
modulation level in form of the modulation index. The
modulation index is defined by formula (a-b)/(a+b) where a is
amplitude of the non-modulated carrier and b is the amplitude
of the modulated carrier.
The modulation index specification is different for different
standards. The ISO14443B modulation index is typically 10%
with allowed range from 8% to 14%, range from 10 to 30% is
defined in the ISO15693 and 8% to 30% in the FeliCa™ and
NFCIP-1 212 kb/s and 424 kb/s.
The bits mod5 to mod0 are used to calculate the amplitude of
the modulated level. The non-modulated level which was
before measured by the A/D converter and stored in an 8 bit
register is divided by a binary number in range from 1 to 1.98.
The bits mod5 to mod0 define binary decimals of this number.
Example:
In case of the modulation index 10% the modulated level
amplitude is 1.2222 times lower than the non-modulated level.
1.2222 converted to binary and truncated to 6 decimals is
1.001110. So in order to define the modulation index 10% the
bits mod5 to mod0 have to be set to 001110.
The table below depicts setting of the mod bits for some often
used modulation indexes.
Figure 122:
Setting of the mod Bits for some often used Modulation Indexes
Execution of Direct Command ‘Calibrate Modulation Depth’:
The modulation level is adjusted by increasing the RFO1 and
RFO2 driver output resistance. The RFO drivers are composed
of 8 binary weighted segments. Usually all these segments are
turned on to define the normal, non-modulated level, there is
also a possibility to increase the output resistance of the
non-modulated state by writing the RFO Normal Level
Definition Register.
Modulation Index
[%]
a/b
[dec]
a/b
[bin]
mod5………mod0
8
1.1739
1.001011
001011
10
1.2222
1.001110
001110
14
1.3256
1.010100
010100
20
1.5000
1.100000
100000
30
1.8571
1.110111
110111
33
1.9843
1.111111
111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com