Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 134 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 134 Page - ams AG

Back Button AS3911 Datasheet HTML 130Page - ams AG AS3911 Datasheet HTML 131Page - ams AG AS3911 Datasheet HTML 132Page - ams AG AS3911 Datasheet HTML 133Page - ams AG AS3911 Datasheet HTML 134Page - ams AG AS3911 Datasheet HTML 135Page - ams AG AS3911 Datasheet HTML 136Page - ams AG AS3911 Datasheet HTML 137Page - ams AG AS3911 Datasheet HTML 138Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 149 page
background image
AS3911 – 134
ams Datasheet, Confidential: 2013-Oct [2-03]
A p pl i c at io n I n f o r m at i o n
Before sending the direct command Calibrate Modulation
Depth the oscillator and regulators have to be turned on. When
the direct command Calibrate Modulation Depth is sent the
following procedure is executed:
• The Transmitter is turned on, non-modulated level is
established.
• The amplitude of the non-modulated carrier level
established on the inputs RFI1 and RFI2 is measured by
the A/D converter and stored in the A/D Converter Output
Register.
• Based on the measurement of the non-modulated level
and the target modulated level defined by the bits mod5
to mod0 the target modulated level is calculated.
• The output driver control is taken over by the Calibrate
Register. Content of the Calibrate Register is modified using
successive approximation algorithm as long as long as the
measured level is equal or as close as possible to target
modulated level calculated in previous step.
• Final state of the Calibrate Register is copied in the AM
Modulation Depth Display Register. Content of this
register is used to define the AM modulated level.
Note(s): After this calibration procedure is finished, the content
of the RFO Normal Level Definition Register should not be
changed. Modification of this register content will change the
non-modulated amplitude and therefore the ratio between the
modulated and non-modulated level will be changed. Please
also note that in case the calibration of antenna resonant
frequency in used, command Calibrate Antenna has to be run
before AM modulation depth adjustment.
AM Modulation Depth Definition using the ‘RFO AM
Modulated Level Definition’ Register
When the bit 7 (am_s) of the AM Modulation Depth Control
Register is set to 1 the AM modulated level is controlled by
writing the RFO AM Modulated Level Definition Register. In case
setting of the modulated level is already known it is not
necessary to run the calibration procedure, the modulated level
can simply be defined by writing this register.
It is also possible to implement calibration procedure in
external controller using the RFO Normal Level Definition
Register and the direct command Measure Amplitude. This
procedure has to be used in case the target modulation depth
is deeper than 33%. The procedure is the following:
• Write the non-modulated level in the RFO Normal Level
Definition Register (usually it is all 0 to have the lower
possible output resistance).
• Switch on the transmitter.
• Send the direct command Measure Amplitude. Read result
from the A/D Converter Output Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com