Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 132 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 132 Page - ams AG

Back Button AS3911 Datasheet HTML 128Page - ams AG AS3911 Datasheet HTML 129Page - ams AG AS3911 Datasheet HTML 130Page - ams AG AS3911 Datasheet HTML 131Page - ams AG AS3911 Datasheet HTML 132Page - ams AG AS3911 Datasheet HTML 133Page - ams AG AS3911 Datasheet HTML 134Page - ams AG AS3911 Datasheet HTML 135Page - ams AG AS3911 Datasheet HTML 136Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 149 page
background image
AS3911 – 132
ams Datasheet, Confidential: 2013-Oct [2-03]
A p pl i c at io n I n f o r m at i o n
is detected during RF collision avoidance the field is
switched on and an IRQ with I_cat flag set is sent to
controller after TARFG.
4.
The reply which was prepared as in case of reader to tag
communication is transmitted using Transmit
command
5.
After the message is sent the field is switched off. The
time between the end of the message and switching off
the field is defined in General Purpose Timer. In case a
new command from initiator is expected the General
Purpose Timer IRQ may be masked since controller does
not need this information.
6.
In case a new command from Initiator is expected the
sequence loops through point 1. In case the target reply
was the last in a sequence (DLS_RES in case of NFCIP-1
protocol) a new command from initiator is not expected.
At the moment the field is switched off, a General
Purpose Timer IRQ is received and the AS3911 is put
back in the low power NFC Target Mode by deactivating
the Operation Control Register. NFC mode is changed
back to rate detection mode by writing the Mode
Definition Register.
AM Modulation Depth: Definition and
Calibration
The AS3911 Transmitter supports OOK and AM modulation. The
choice between OOK and AM modulation is done by writing
Auxiliary Definition Register bit tr_am. AM modulation is preset
by direct command Analog Preset in case the following
protocols are configured:
• ISO14443B
•FeliCa
• NFCIP-1 212 and 424 kb/s
The AM modulation depth can be automatically adjusted by
setting the AM Modulation Depth Control Register and sending
the direct command Calibrate Modulation Depth. There is also
an alternative possibility where the command Calibrate
Modulation Depth is not used and the modulated level is
defined by writing the Antenna driver RFO AM Modulated Level
Definition Register.
AM Modulation Depth Definition Using the ‘Calibrate
Modulation Depth’ Direct Command
Before sending the direct command Calibrate Modulation
Depth the AM Modulation Depth Control Register has to be
configured in the following way:
•The bit 7 (am_s) has to be set to 0 to choose definition by
the command Calibrate Modulation Depth
• Bits 6 to 1 (mod5 to mod0) define target AM modulation
depth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com