Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 136 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 136 Page - ams AG

Back Button AS3911 Datasheet HTML 132Page - ams AG AS3911 Datasheet HTML 133Page - ams AG AS3911 Datasheet HTML 134Page - ams AG AS3911 Datasheet HTML 135Page - ams AG AS3911 Datasheet HTML 136Page - ams AG AS3911 Datasheet HTML 137Page - ams AG AS3911 Datasheet HTML 138Page - ams AG AS3911 Datasheet HTML 139Page - ams AG AS3911 Datasheet HTML 140Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 149 page
background image
AS3911 – 136
ams Datasheet, Confidential: 2013-Oct [2-03]
A p pl i c at io n I n f o r m at i o n
Antenna Tuning Using Direct Command ‘Calibrate
Antenna’
In order to perform the antenna LC tank using direct command
Calibrate Antenna binary weighted tuning capacitors have to
be connected between the two coil terminals to the pins
TRIM1_3 to TRIM1_0 and TRIM2_3 to TRIM2_0.
During automatic procedure, started by sending the direct
command Calibrate Antenna, the AS3911 finds position of TRIM
switches at which the phase difference between the RFO output
signal and RFI input signal is as close as possible to target phase
defined in the Antenna Calibration Target Register.
In case the antenna LC tank is directly connected to RFO pins
(as in case of Figure 123) there is 90° phase shift between signal
on the RFO outputs and the voltage on the RFI inputs when
antenna LC tank is in resonance. In case additional EMC filter is
inserted between RFO outputs and antenna LC tank the phase
shift in case of resonance depends on additional phase shift
generated by EMC filter.
During execution of the direct command Calibrate Antenna the
AS3911 runs several phase measurements and changes
configuration of TRIM pins in order to find the best possible
setting. Due to this the format of the Antenna Calibration Target
Register is the same as the format of direct command Measure
Phase result.
The TRIM pin configuration which is result of the direct
command Calibrate Antenna can be observed by reading the
Antenna Calibration Display Register. This register also contains
an error flag which is set in case the tuning to target phase was
not possible.
After the execution of direct command Calibrate Antenna the
actual phase can be checked by sending direct command
Measure Phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com