Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 139 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 139 Page - ams AG

Back Button AS3911 Datasheet HTML 135Page - ams AG AS3911 Datasheet HTML 136Page - ams AG AS3911 Datasheet HTML 137Page - ams AG AS3911 Datasheet HTML 138Page - ams AG AS3911 Datasheet HTML 139Page - ams AG AS3911 Datasheet HTML 140Page - ams AG AS3911 Datasheet HTML 141Page - ams AG AS3911 Datasheet HTML 142Page - ams AG AS3911 Datasheet HTML 143Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 149 page
background image
ams Datasheet, Confidential: 2013-Oct [2-03]
AS3911 – 139
Appl icatio n I n f o rm a t i o n
is in Transparent mode, the External Field Detector output is
multiplexed to pin IRQ. This enables detection of external
target/initiator field and performing RF collision avoidance.
In case timing of the NFC Field ON command is correct for the
NFC active protocol which is being implemented, these
commands can be used in combination with the Transparent
mode. These commands are used to perform the RF collision
avoidance, switching on the field and timing out the minimum
time from switching on the field to start of transmitting the
message. After getting the interrupt, the controller generates
the message in the Transparent mode.
When bit en_fd is set and all bits of the Operation Control
Register are set to 0 the AS3911 is in the low power NFC Target
Mode (same as in case of setting of targ bit, (see “NFCIP-1 Active
Communication Target” on page 130). In this mode initiator
field is detected. After getting an IRQ with I_eon flag set, the
controller turns on the oscillator, regulator and receiver and
performs reception in the Transparent mode.
Stream Mode
Stream mode can be used to implement protocols, where the
low level framing needed for ISO14443 receive coding can be
used and decoded information can be put in FIFO. The main
advantage of this mode over the Transparent mode is that
timing is generated in the AS3911 therefore the external
controller does not have to operate in real time. The stream
mode is selected in the Mode Definition Register, the operating
options are defined in the Stream Mode Definition Register.
Two different modes are supported for tag to reader
communication (Sub-carrier and BPSK Stream Modes). General
rule for Stream mode is that the first bit sent/received is put on
the LSB position of the FIFO byte.
After selecting the stream mode the Receiver and Transmitter
have to be configured properly (there is no automatic
configuration for the stream mode).
Sub-carrier Stream Mode:
This mode supports protocols where during the tag to reader
communication the time periods with sub-carrier signal are
interchanged with time periods without modulation (like in the
ISO14443A 106 kbit/s mode). In this mode the sub-carrier
frequency and number of sub-carrier frequency periods in one
reporting period is defined. Sub-carrier frequency in the range
from fc/64 (212 kHz) to fc/8 (1695 kHz) are supported.
Supported number of sub-carrier frequency periods in one
reporting period range from two to eight.
Start of receive interrupt is sent and the first data bit is put in
FIFO after the first reporting time period with sub-carrier is
detected. One bit of FIFO data gives information about status
of input signal during one reporting period. Logic 1 means that
the sub-carrier was detected during reporting period, while 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com