| Electronic Components Datasheet Search |
|
AS3911 Datasheet(PDF) 138 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3911 Datasheet(HTML) 138 Page - ams AG |
|
138 / 149 page ![]() AS3911 – 138 ams Datasheet, Confidential: 2013-Oct [2-03] A p pl i c at io n I n f o r m at i o n The Transparent Mode is entered on rising edge of signal /SS after sending the command Transparent Mode and is maintained as long as the signal /SS is kept high. Before sending the direct command Transparent Mode the Transmitter and Receiver have to be turned on, the AFE has to be configured properly. While the AS3911 is in the Transparent Mode the AFE is controlled directly through SPI interface: • Transmitter modulation is controlled by pin MOSI (high is modulator on) • Signal rx_on is controlled by pin SCLK (high enables RSSI and AGC) • Output of Receiver AM demodulation chain (digitized sub-carrier signal) is sent to pin MISO • Output of Receiver PM demodulation chain (digitized sub-carrier signal) is sent to pin IRQ By controlling the rx_on advanced Receiver features like the RSSI and AGC can be used. The receiver channel selection bits are valid also in Transparent mode, therefore it is possible to use only one of the two channel outputs. In case single channel is selected it is always multiplexed to MISO, while IRQ is kept low. Configuration bits related to the ISO mode, framing and FIFO are of course meaningless in Transparent Mode, all other configuration bits are respected. Use of Transparent Mode to implement active peer to peer (NFC) communication: The framing implemented in the AS3911 supports all active modes according to the NFCIP-1 specification (ISO/IEC 18092:2004). In case any amendments to this specification or some custom active NFC communication need to be implemented Transparent mode can be used. There is no special NFC active communication transparent mode, controlling of the Tx modulation and the Rx is done as described above. The difference comparing to the reader transparent mode is that the emission of the carrier field has to be enabled only during Tx. This is done by writing the Operation Control Register before and after Tx. Since with every SPI command the Transparent mode is lost it has to be re-entered. In order to receive the reply in active NFC communication mode only the AM demodulation channel is used. Due to this the Receiver AM channel has to be enabled, while PM can be disabled. Implementing active communication requires detection of external field. Setting the bit en_fd in the Auxiliary Definition Register enables the External Field Detector with Peer Detection Threshold. When bit en_fd is selected and the AS3911 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |