Electronic Components Datasheet Search
  English  ▼

X  

DS2152L Datasheet(PDF) 66 Page - Dallas Semiconductor

Part # DS2152L
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152L Datasheet(HTML) 66 Page - Dallas Semiconductor

Back Button DS2152L Datasheet HTML 62Page - Dallas Semiconductor DS2152L Datasheet HTML 63Page - Dallas Semiconductor DS2152L Datasheet HTML 64Page - Dallas Semiconductor DS2152L Datasheet HTML 65Page - Dallas Semiconductor DS2152L Datasheet HTML 66Page - Dallas Semiconductor DS2152L Datasheet HTML 67Page - Dallas Semiconductor DS2152L Datasheet HTML 68Page - Dallas Semiconductor DS2152L Datasheet HTML 69Page - Dallas Semiconductor DS2152L Datasheet HTML 70Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 94 page
background image
DS2152
66 of 93
TCR1.2=0 (source Fs data from the TFDL register)
CCR2.5=1 (allow the TFDL register to load on multiframe boundaries)
Since the SLC-96 message fields share the Fs-bit position, the user can access these message fields via
the TFDL and RFDL registers. Please see the separate Application Note for a detailed description of how
to implement an SLC-96 function.
12.0 PROGRAMMABLE IN-BAND CODE GENERATION AND DETECTION
The DS2152 has the ability to generate and detect a repeating bit pattern that is from 1 to 8 bits in length.
To transmit a pattern, the user will load the pattern to be sent into the Transmit Code Definition (TCD)
register and select the proper length of the pattern by setting the TC0 and TC1 bits in the In-Band Code
Control (IBCC) register. Once this is accomplished, the pattern will be transmitted as long as the TLOOP
control bit (CCR3.1) is enabled. Normally (unless the transmit formatter is programmed to not insert the
F-bit position) the DS2152 will overwrite the repeating pattern once every 193 bits to allow the F-bit
position to be sent. See Figure 15-11 for more details. As an example, if the user wished to transmit the
standard “loop up” code for Channel Service Units which is a repeating pattern of ...10000100001... then
80h would be loaded into TDR and the length would set to 5 bits.
The DS2152 can detect two separate repeating patterns to allow for both a “loop up” code and a “loop
down” code to be detected. The user will program the codes to be detected in the Receive Up Code
Definition (RUPCD) register and the Receive Down Code Definition (RDNCD) register and the length of
each pattern will be selected via the IBCC register. The DS2152 will detect repeating pattern codes in
both framed and unframed circumstances with bit error rates as high as 10**-2. The code detector has a
nominal integration period of 48 ms. Hence, after about 48 ms of receiving either code, the proper status
bit (LUP at SR1.7 and LDN at SR1.6) will be set to a 1. Normally codes are sent for a period of 5
seconds. It is recommend that the software poll the DS2152 every 100 ms to 1000 ms until 5 seconds has
elapsed to insure that the code is continuously present.
IBCC: IN-BAND CODE CONTROL REGISTER (Address=12 Hex)
(MSB)
(LSB)
TC1
TC0
RUP2
RUP1
RUP0
RDN2
RDN1
RDN0
SYMBOL
POSITION
NAME AND DESCRIPTION
TC1
IBCC.7
Transmit Code Length Definition Bit 1. See Table 12-1
TC0
IBCC.6
Transmit Code Length Definition Bit 0. See Table 12-1
RUP2
IBCC.5
Receive Up Code Length Definition Bit 2. See Table 12-2
RUP1
IBCC.4
Receive Up Code Length Definition Bit 1. See Table 12-2
RUP0
IBCC.3
Receive Up Code Length Definition Bit 0. See Table 12-2
RDN2
IBCC.2
Receive Down Code Length Definition Bit 2. See Table 12-2
RDN1
IBCC.1
Receive Down Code Length Definition Bit 1. See Table 12-2
RDN0
IBCC.0
Receive Down Code Length Definition Bit 0. See Table 12-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com