Electronic Components Datasheet Search
  English  ▼

X  

DS2152L Datasheet(PDF) 69 Page - Dallas Semiconductor

Part # DS2152L
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152L Datasheet(HTML) 69 Page - Dallas Semiconductor

Back Button DS2152L Datasheet HTML 65Page - Dallas Semiconductor DS2152L Datasheet HTML 66Page - Dallas Semiconductor DS2152L Datasheet HTML 67Page - Dallas Semiconductor DS2152L Datasheet HTML 68Page - Dallas Semiconductor DS2152L Datasheet HTML 69Page - Dallas Semiconductor DS2152L Datasheet HTML 70Page - Dallas Semiconductor DS2152L Datasheet HTML 71Page - Dallas Semiconductor DS2152L Datasheet HTML 72Page - Dallas Semiconductor DS2152L Datasheet HTML 73Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 94 page
background image
DS2152
69 of 93
RDNCD: RECEIVE DOWN CODE DEFINITION REGISTER (Address=15 Hex)
(MSB)
(LSB)
C7
C6
C5
C4
C3
C2
C1
C0
SYMBOL
POSITION
NAME AND DESCRIPTION
C7
RDNCD.7
Receive Down Code Definition Bit 7. First bit of the repeating
pattern.
C6
RDNCD.6
Receive Down Code Definition Bit 6. A Don’t Care if a 1-bit
length is selected.
C5
RDNCD.5
Receive Down Code Definition Bit 5. A Don’t Care if a 1 or 2-
bit length is selected.
C4
RDNCD.4
Receive Down Code Definition Bit 4. A Don’t Care if a 1 to 3-
bit length is selected.
C3
RDNCD.3
Receive Down Code Definition Bit 3. A Don’t Care if a 1 to 4-
bit length is selected.
C2
RDNCD.2
Receive Down Code Definition Bit 2. A Don’t Care if a 1 to 5-
bit length is selected.
C1
RDNCD.1
Receive Down Code Definition Bit 1. A Don’t Care if a 1 to 6-
bit length is selected.
C0
RDNCD.0
Receive Down Code Definition Bit 0. A Don’t Care if a 1 to 7-
bit length is selected.
13.0 TRANSMIT TRANSPARENCY
Each of the 24 T1 channels in the transmit direction of the DS2152 can be either forced to be transparent
or, in other words, can be forced to stop Bit 7 Stuffing and/or Robbed Signaling from overwriting the data
in the channels. Transparency can be invoked on a channel by channel basis by properly setting the
TTR1, TTR2, and TTR3 registers.
TTR1/TTR2/TTR3:
TRANSMIT TRANSPARENCY REGISTER (Address=39 to 3B Hex)
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
TTR1 (39)
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
TTR2 (3A)
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
TTR3 (3B)
SYMBOL
POSITION
NAME AND DESCRIPTION
CH24
TTR3.7
Transmit Transparency Registers.
0=this DS0 channel is not transparent
CH1
TTR1.0
1=this DS0 channel is transparent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com