Electronic Components Datasheet Search
  English  ▼

X  

DS2152L Datasheet(PDF) 36 Page - Dallas Semiconductor

Part # DS2152L
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152L Datasheet(HTML) 36 Page - Dallas Semiconductor

Back Button DS2152L Datasheet HTML 32Page - Dallas Semiconductor DS2152L Datasheet HTML 33Page - Dallas Semiconductor DS2152L Datasheet HTML 34Page - Dallas Semiconductor DS2152L Datasheet HTML 35Page - Dallas Semiconductor DS2152L Datasheet HTML 36Page - Dallas Semiconductor DS2152L Datasheet HTML 37Page - Dallas Semiconductor DS2152L Datasheet HTML 38Page - Dallas Semiconductor DS2152L Datasheet HTML 39Page - Dallas Semiconductor DS2152L Datasheet HTML 40Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 94 page
background image
DS2152
36 of 93
SR2: STATUS REGISTER 2 (Address=21 Hex)
(MSB)
(LSB)
RMF
TMF
SEC
RFDL
TFDL
RMTCH
RAF
RSC
SYMBOL
POSITION
NAME AND DESCRIPTION
RMF
SR2.7
Receive Multiframe. Set on receive multiframe boundaries.
TMF
SR2.6
Transmit Multiframe. Set on transmit multiframe boundaries.
SEC
SR2.5
1-Second Timer. Set on increments of 1 second based on
RCLK; will be set in increments of 999 ms, 999 ms, and 1002
ms every 3 seconds.
RFDL
SR2.4
Receive FDL Buffer Full. Set when the receive FDL buffer
(RFDL) fills to capacity (8 bits).
TFDL
SR2.3
Transmit FDL Buffer Empty. Set when the transmit FDL
buffer (TFDL) empties.
RMTCH
SR2.2
Receive FDL Match Occurrence. Set when the RFDL matches
either RFDLM1 or RFDLM2.
RAF
SR2.1
Receive FDL Abort. Set when eight consecutive 1s are received
in the FDL.
RSC
SR2.0
Receive Signaling Change. Set when the DS2152 detects a
change of state in any of the robbed-bit signaling bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com