Electronic Components Datasheet Search
  English  ▼

X  

DS2152L Datasheet(PDF) 51 Page - Dallas Semiconductor

Part # DS2152L
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152L Datasheet(HTML) 51 Page - Dallas Semiconductor

Back Button DS2152L Datasheet HTML 47Page - Dallas Semiconductor DS2152L Datasheet HTML 48Page - Dallas Semiconductor DS2152L Datasheet HTML 49Page - Dallas Semiconductor DS2152L Datasheet HTML 50Page - Dallas Semiconductor DS2152L Datasheet HTML 51Page - Dallas Semiconductor DS2152L Datasheet HTML 52Page - Dallas Semiconductor DS2152L Datasheet HTML 53Page - Dallas Semiconductor DS2152L Datasheet HTML 54Page - Dallas Semiconductor DS2152L Datasheet HTML 55Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 94 page
background image
DS2152
51 of 93
pattern. The RCR2.7 bit will determine which code is used. The digital milliwatt code is an 8-byte
repeating pattern that represents a 1 kHz sine wave (1E/0B/0B/1E/9E/8B/8B/9E). Each bit in the RMRs
represents a particular channel. If a bit is set to a 1, then the receive data in that channel will be replaced
with one of the two codes. If a bit is set to 0, no replacement occurs.
RMR1/RMR2/RMR3: RECEIVE MARK REGISTERS (Address=2D to 2F Hex)
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
RMR1(2D)
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
RMR2(2E)
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
RMR3(2F)
SYMBOL
POSITION
NAME AND DESCRIPTION
CH24
RMR3.7
Receive MARK Registers.
0=do not affect the receive data associated with this channel
CH1
RMR1.0
1=replace the receive data associated with this channel with
either the idle code or the digital milliwatt code (depends on the
RCR2.7 bit)
8.2.2 Per-Channel Code Insertion
The second method involves using the Receive Channel Control Registers (RCC1/2/3) to determine
which of the 24 T1 channels off of the T1 line and going to the backplane should be overwritten with the
code placed in the Receive Channel Registers (RC1 to RC24). This method is more flexible than the first
in that it allows a different 8-bit code to be placed into each of the 24 T1 channels.
RC1 TO RC24:
RECEIVE CHANNEL REGISTERS (Address=58 to 5F and 80 to 8F Hex)
(for brevity, only channel 1 is shown; see Table 1-3 for other register address)
(MSB)
(LSB)
C7
C6
C5
C4
C3
C2
C1
C0
RC1 (58)
SYMBOL
POSITION
NAME AND DESCRIPTION
C7
RC1.7
MSB of the Code (this bit is sent first to the backplane)
C0
RC1.0
LSB of the Code (this bit is sent last to the backplane)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com