Electronic Components Datasheet Search
  English  ▼

X  

DS2152L Datasheet(PDF) 46 Page - Dallas Semiconductor

Part # DS2152L
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152L Datasheet(HTML) 46 Page - Dallas Semiconductor

Back Button DS2152L Datasheet HTML 42Page - Dallas Semiconductor DS2152L Datasheet HTML 43Page - Dallas Semiconductor DS2152L Datasheet HTML 44Page - Dallas Semiconductor DS2152L Datasheet HTML 45Page - Dallas Semiconductor DS2152L Datasheet HTML 46Page - Dallas Semiconductor DS2152L Datasheet HTML 47Page - Dallas Semiconductor DS2152L Datasheet HTML 48Page - Dallas Semiconductor DS2152L Datasheet HTML 49Page - Dallas Semiconductor DS2152L Datasheet HTML 50Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 94 page
background image
DS2152
46 of 93
RS1 TO RS12: RECEIVE SIGNALING REGISTERS (Address=60 to 6B Hex)
(MSB)
(LSB)
A(8)
A(7)
A(6)
A(5)
A(4)
A(3)
A(2)
A(1)
RS1 (60)
A(16)
A(15)
A(14)
A(13)
A(12)
A(11)
A(10)
A(9)
RS2 (61)
A(24)
A(23)
A(22)
A(21)
A(20)
A(19)
A(18)
A(17)
RS3 (62)
B(8)
B(7)
B(6)
B(5)
B(4)
B(3)
B(2)
B(1)
RS4 (63)
B(16)
B(15)
B(14)
B(13)
B(12)
B(11)
B(10)
B(9)
RS5 (64)
B(24)
B(23)
B(22)
B(21)
B(20)
B(19)
B(18)
B(17)
RS6 (65)
A/C(8)
A/C(7)
A/C(6)
A/C(5)
A/C(4)
A/C(3)
A/C(2)
A/C(1)
RS7 (66)
A/C(16)
A/C(15)
A/C(14)
A/C(13)
A/C(12)
A/C(11)
A/C(10)
A/C(9)
RS8 (67)
A/C(24)
A/C(23)
A/C(22)
A/C(21)
A/C(20)
A/C(19)
A/C(18)
A/C(17)
RS9 (68)
B/D(8)
B/D(7)
B/D(6)
B/D(5)
B/D(4)
B/D(3)
B/D(2)
B/D(1)
RS10 (69)
B/D(16)
B/D(15)
B/D(14)
B/D(13)
B/D(12)
B/D(11)
B/D(10)
B/D(9)
RS11 (6A)
B/D(24)
B/D(23)
B/D(22)
B/D(21)
B/D(20)
B/D(19)
B/D(18)
B/D(17)
RS12 (6B)
SYMBOL
POSITION
NAME AND DESCRIPTION
D(24)
RS12.7
Signaling Bit D in Channel 24
A(1)
RS1.0
Signaling Bit A in Channel 1
Each Receive Signaling Register (RS1 to RS12) reports the incoming robbed-bit signaling from eight
DS0 channels. In the ESF framing mode, there can be up to 4 signaling bits per channel (A, B, C, and D).
In the D4 framing mode, there are only 2 signaling bits per channel (A and B). In the D4 framing mode,
the DS2152 will replace the C and D signaling bit positions with the A and B signaling bits from the
previous multiframe. Hence, whether the DS2152 is operated in either framing mode, the user needs only
to retrieve the signaling bits every 3 ms. The bits in the Receive Signaling Registers are updated on
multiframe boundaries so the user can utilize the Receive Multiframe Interrupt in the Receive Status
Register 2 (SR2.7) to know when to retrieve the signaling bits. The Receive Signaling Registers are
frozen and not updated during a loss of sync condition (SR1.0=1). They will contain the most recent
signaling information before the “OOF” occurred. The signaling data reported in RS1 to RS12 is also
available at the RSIG and RSER pins.
A change in the signaling bits from one multiframe to the next will cause the RSC status bit (SR2.0) to be
set. The user can enable the INT pin to toggle low upon detection of a change in signaling by setting the
IMR2.0 bit. Once a signaling change has been detected, the user has at least 2.75 ms to read the data out
of the RS1 to RS12 registers before the data will be lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com