Electronic Components Datasheet Search
  English  ▼

X  

DS2152L Datasheet(PDF) 31 Page - Dallas Semiconductor

Part # DS2152L
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152L Datasheet(HTML) 31 Page - Dallas Semiconductor

Back Button DS2152L Datasheet HTML 27Page - Dallas Semiconductor DS2152L Datasheet HTML 28Page - Dallas Semiconductor DS2152L Datasheet HTML 29Page - Dallas Semiconductor DS2152L Datasheet HTML 30Page - Dallas Semiconductor DS2152L Datasheet HTML 31Page - Dallas Semiconductor DS2152L Datasheet HTML 32Page - Dallas Semiconductor DS2152L Datasheet HTML 33Page - Dallas Semiconductor DS2152L Datasheet HTML 34Page - Dallas Semiconductor DS2152L Datasheet HTML 35Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 94 page
background image
DS2152
31 of 93
RIR1: RECEIVE INFORMATION REGISTER 1 (Address=22 Hex)
(MSB)
(LSB)
COFA
8ZD
16ZD
RESF
RESE
SEFE
B8ZS
FBE
SYMBOL
POSITION
NAME AND DESCRIPTION
COFA
RIR1.7
Change of Frame Alignment. Set when the last resync resulted
in a change of frame or multiframe alignment.
8ZD
RIR1.6
Eight-0 Detect. Set when a string of at least eight consecutive 0s
(regardless of the length of the string) have been received at
RPOSI and RNEGI.
16ZD
RIR1.5
Sixteen-0 Detect. Set when a string of at least 16 consecutive 0s
(regardless of the length of the string) have been received at
RPOSI and RNEGI.
RESF
RIR1.4
Receive Elastic Store Full. Set when the receive elastic store
buffer fills and a frame is deleted.
RESE
RIR1.3
Receive Elastic Store Empty. Set when the receive elastic store
buffer empties and a frame is repeated.
SEFE
RIR1.2
Severely Errored Framing Event. Set when 2 out of 6 framing
bits (Ft or FPS) are received in error.
B8ZS
RIR1.1
B8ZS Code Word Detect. Set when a B8ZS code word is
detected at RPOS and RNEG independent of whether the B8ZS
mode is selected or not via CCR2.6. Useful for automatically
setting the line coding.
FBE
RIR1.0
Frame Bit Error. Set when a Ft (D4) or FPS (ESF) framing bit
is received in error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com