Electronic Components Datasheet Search
  English  ▼

X  

DS2152L Datasheet(PDF) 26 Page - Dallas Semiconductor

Part # DS2152L
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152L Datasheet(HTML) 26 Page - Dallas Semiconductor

Back Button DS2152L Datasheet HTML 22Page - Dallas Semiconductor DS2152L Datasheet HTML 23Page - Dallas Semiconductor DS2152L Datasheet HTML 24Page - Dallas Semiconductor DS2152L Datasheet HTML 25Page - Dallas Semiconductor DS2152L Datasheet HTML 26Page - Dallas Semiconductor DS2152L Datasheet HTML 27Page - Dallas Semiconductor DS2152L Datasheet HTML 28Page - Dallas Semiconductor DS2152L Datasheet HTML 29Page - Dallas Semiconductor DS2152L Datasheet HTML 30Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 94 page
background image
DS2152
26 of 93
CCR4: COMMON CONTROL REGISTER 4 (Address=11 Hex)
(MSB)
(LSB)
RSRE
RPCSI
RFSA1
RFE
RFF
THSE
TPCSI
TIRFS
SYMBOL
POSITION
NAME AND DESCRIPTION
RSRE
CCR4.7
Receive Side Signaling Reinsertion Enable. See Section 7.2 for
details.
0 = do not re-insert signaling bits into the data stream presented at
the RSER pin
1 = re-insert the signaling bits into data stream presented at the
RSER pin
RPCSI
CCR4.6
Receive Per-Channel Signaling Insert. See Section 7.2 for more
details.
0 = do not use RCHBLK to determine which channels should have
signaling re-inserted
1 = use RCHBLK to determine which channels should have
signaling re-inserted
RFSA1
CCR4.5
Receive Force Signaling All 1s. See Section 7.2 for more details.
0 = do not force extracted robbed-bit signaling bit positions to a 1
1 = force extracted robbed-bit signaling bit positions to a 1
RFE
CCR4.4
Receive Freeze Enable. See Section 7.2 for details.
0 = no freezing of receive signaling data will occur
1 = allow freezing of receive signaling data at RSIG (and RSER if
CCR4.7 = 1).
RFF
CCR4.3
Receive Force Freeze. Freezes receive side signaling at RSIG (and
RSER if CCR4.7=1); will override Receive Freeze Enable (RFE).
See Section 7.2 for details.
0 = do not force a freeze event
1 = force a freeze event
THSE
CCR4.2
Transmit Hardware Signaling Insertion Enable. See Section 7.2
for details.
0 = do not insert signaling from the TSIG pin into the data stream
presented at the TSER pin
1 = insert the signaling from the TSIG pin into data stream presented
at the TSER pin
TPCSI
CCR4.1
Transmit Per-Channel Signaling Insert. See Section 7.2 for
details.
0 = do not use TCHBLK to determine which channels should have
signaling inserted from TSIG
1 = use TCHBLK to determine which channels should have
signaling inserted from TSIG
TIRFS
CCR4.0
Transmit Idle Registers (TIR) Function Select. See Section 8 for
timing details.
0 = TIRs define in which channels to insert idle code
1 = TIRs define in which channels to insert data from RSER (i.e.,
Per-Channel Loopback function)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com