Electronic Components Datasheet Search
  English  ▼

X  

DS2152L Datasheet(PDF) 15 Page - Dallas Semiconductor

Part # DS2152L
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152L Datasheet(HTML) 15 Page - Dallas Semiconductor

Back Button DS2152L Datasheet HTML 11Page - Dallas Semiconductor DS2152L Datasheet HTML 12Page - Dallas Semiconductor DS2152L Datasheet HTML 13Page - Dallas Semiconductor DS2152L Datasheet HTML 14Page - Dallas Semiconductor DS2152L Datasheet HTML 15Page - Dallas Semiconductor DS2152L Datasheet HTML 16Page - Dallas Semiconductor DS2152L Datasheet HTML 17Page - Dallas Semiconductor DS2152L Datasheet HTML 18Page - Dallas Semiconductor DS2152L Datasheet HTML 19Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 94 page
background image
DS2152
15 of 93
ADDRESS
R/W
REGISTER NAME
REGISTER ABBREVIATION
34
R/W
Transmit Channel Blocking 3
TCBR3
35
R/W
Transmit Control 1
TCR1
36
R/W
Transmit Control 2
TCR2
37
R/W
Common Control 1
CCR1
38
R/W
Common Control 2
CCR2
39
R/W
Transmit Transparency 1
TTR1
3A
R/W
Transmit Transparency 2
TTR2
3B
R/W
Transmit Transparency 3
TTR3
3C
R/W
Transmit Idle 1
TIR1
3D
R/W
Transmit Idle 2
TIR2
3E
R/W
Transmit Idle 3
TIR3
3F
R/W
Transmit Idle Definition
TIDR
40
R/W
Transmit Channel 9
TC9
41
R/W
Transmit Channel 10
TC10
42
R/W
Transmit Channel 11
TC11
43
R/W
Transmit Channel 12
TC12
44
R/W
Transmit Channel 13
TC13
45
R/W
Transmit Channel 14
TC14
46
R/W
Transmit Channel 15
TC15
47
R/W
Transmit Channel 16
TC16
48
R/W
Transmit Channel 17
TC17
49
R/W
Transmit Channel 18
TC18
4A
R/W
Transmit Channel 19
TC19
4B
R/W
Transmit Channel 20
TC20
4C
R/W
Transmit Channel 21
TC21
4D
R/W
Transmit Channel 22
TC22
4E
R/W
Transmit Channel 23
TC23
4F
R/W
Transmit Channel 24
TC24
50
R/W
Transmit Channel 1
TC1
51
R/W
Transmit Channel 2
TC2
52
R/W
Transmit Channel 3
TC3
53
R/W
Transmit Channel 4
TC4
54
R/W
Transmit Channel 5
TC5
55
R/W
Transmit Channel 6
TC6
56
R/W
Transmit Channel 7
TC7
57
R/W
Transmit Channel 8
TC8
58
R/W
Receive Channel 1
RC17
59
R/W
Receive Channel 18
RC18
5A
R/W
Receive Channel 19
RC19
5B
R/W
Receive Channel 20
RC20
5C
R/W
Receive Channel 21
RC21
5D
R/W
Receive Channel 22
RC22
5E
R/W
Receive Channel 23
RC23
5F
R/W
Receive Channel 24
RC24
60
R
Receive Signaling 1
RS1
61
R
Receive Signaling 2
RS2
62
R
Receive Signaling 3
RS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com