Electronic Components Datasheet Search
  English  ▼

X  

DS2152L Datasheet(PDF) 82 Page - Dallas Semiconductor

Part # DS2152L
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152L Datasheet(HTML) 82 Page - Dallas Semiconductor

Back Button DS2152L Datasheet HTML 78Page - Dallas Semiconductor DS2152L Datasheet HTML 79Page - Dallas Semiconductor DS2152L Datasheet HTML 80Page - Dallas Semiconductor DS2152L Datasheet HTML 81Page - Dallas Semiconductor DS2152L Datasheet HTML 82Page - Dallas Semiconductor DS2152L Datasheet HTML 83Page - Dallas Semiconductor DS2152L Datasheet HTML 84Page - Dallas Semiconductor DS2152L Datasheet HTML 85Page - Dallas Semiconductor DS2152L Datasheet HTML 86Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 94 page
background image
DS2152
82 of 93
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-1.0V to +7.0V
Operating Temperature for DS2152L
0°C to 70°C
Operating Temperature for DS2152LN
-40°C to +85°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC
(0
°C to 70°C for DS2152L;
OPERATING CONDITIONS
-40
°C to +85°C for DS2152LN)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic 1
VIH
2.0
VDD+0.3
V
Logic 0
VIL
-0.3
+0.8
V
Supply
VDD
4.75
5.25
V
1
CAPACITANCE
(tA=25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
pF
Output Capacitance
COUT
7
pF
DC CHARACTERISTICS
(0
°C to 70°C; V
DD=5V
± 5% for DS2152L;
-40
°C to +85°C; V
DD=5V
± 5% for DS2152LN)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current @ 5V
IDD
75
mA
2
Input Leakage
IIL
-1.0
+1.0
µA
3
Output Leakage
ILO
1.0
µA
4
Output Current (2.4V)
IOH
-1.0
mA
Output Current (0.4V)
IOL
+4.0
mA
NOTES:
1. Applies to RVDD, TVDD, and DVDD.
2. TCLK=RCLK=TSYSCLK=RSYSCLK=1.544 MHz; outputs open circuited.
3. 0.0V < VIN < VDD.
4. Applied to INT when 3-stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com