Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA210 Datasheet HTML 16Page - Texas Instruments INA210 Datasheet HTML 17Page - Texas Instruments INA210 Datasheet HTML 18Page - Texas Instruments INA210 Datasheet HTML 19Page - Texas Instruments INA210 Datasheet HTML 20Page - Texas Instruments INA210 Datasheet HTML 21Page - Texas Instruments INA210 Datasheet HTML 22Page - Texas Instruments INA210 Datasheet HTML 23Page - Texas Instruments INA210 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Max_Current=Current_LSB
32767
´
Max_Current=0.06226
Max_ShuntVoltage=Max_Current_Before_Overflow
R
´
SHUNT
Max_ShuntVoltage=0.3113
MaximumPower=Max_Current_Before_Overflow
V
´
BUS_MAX
MaximumPower=1.992
Corrected_Full_Scale_Cal=trunc
Cal
MeasShuntCurrent
INA220_Current
´
Corrected_Full_Scale_Cal=3462
INA220
SBOS459D – JUNE 2009 – REVISED SEPTEMBER 2010
www.ti.com
7. Compute the maximum current and shunt voltage values (before overflow), as shown by Equation 15 and
Equation 16. Note that both Equation 15 and Equation 16 involve an If - then condition.
(15)
If Max_Current
≥ Max Possible_I then
Max_Current_Before_Overflow = MaxPossible_I
Else
Max_Current_Before_Overflow = Max_Current
End If
(Note that Max_Current is less than MaxPossible_I in this example.)
Max_Current_Before_Overflow = 0.06226 (Note: This result is displayed by software as seen in Figure 21.)
(16)
If Max_ShuntVoltage
≥ VSHUNT_MAX
Max_ShuntVoltage_Before_Overflow = VSHUNT_MAX
Else
Max_ShuntVoltage_Before_Overflow= Max_ShuntVoltage
End If
(Note that Max_ShuntVoltage is less than VSHUNT_MAX in this example.)
Max_ShuntVoltage_Before_Overflow = 0.3113 (Note: This result is displayed by software as seen in
Figure 21.)
8. Compute the maximum power with equation 8.
(17)
9. (Optional second calibration step.) Compute the corrected full-scale calibration value based on measured
current.
INA220_Current = 0.06226
MeaShuntCurrent = 0.05
(18)
20
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): INA220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com