Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210 Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA210 Datasheet HTML 25Page - Texas Instruments INA210 Datasheet HTML 26Page - Texas Instruments INA210 Datasheet HTML 27Page - Texas Instruments INA210 Datasheet HTML 28Page - Texas Instruments INA210 Datasheet HTML 29Page - Texas Instruments INA210 Datasheet HTML 30Page - Texas Instruments INA210 Datasheet HTML 31Page - Texas Instruments INA210 Datasheet HTML 32Page - Texas Instruments INA210 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
Power=
Current
BusVoltage
´
5000
INA220
www.ti.com
SBOS459D – JUNE 2009 – REVISED SEPTEMBER 2010
Bus Voltage Register 02h (Read-Only)
The Bus Voltage Register stores the most recent bus voltage reading, VBUS.
At full-scale range = 32V (decimal = 8000, hex = 1F40), and LSB = 4mV.
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
BD12
BD11
BD10
BD9
BD8
BD7
BD6
BD5
BD4
BD3
BD2
BD1
BD0
—
CNVR
OVF
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
At full-scale range = 16V (decimal = 4000, hex = 0FA0), and LSB = 4mV.
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
0
BD11
BD10
BD9
BD8
BD7
BD6
BD5
BD4
BD3
BD2
BD1
BD0
—
CNVR
OVF
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
CNVR:
Conversion Ready
Bit 1
Although the data from the last conversion can be read at any time, the INA220 Conversion Ready bit (CNVR)
indicates when data from a conversion is available in the data output registers. The CNVR bit is set after all
conversions, averaging, and multiplications are complete. CNVR will clear under the following conditions:
1.) Writing a new mode into the Operating Mode bits in the Configuration Register (except for Power-Down or
Disable)
2.) Reading the Power Register
OVF:
Math Overflow Flag
Bit 0
The Math Overflow Flag (OVF) is set when the Power or Current calculations are out of range. It indicates that
current and power data may be meaningless.
Power Register 03h (Read-Only)
Full-scale range and LSB are set by the Calibration Register. See the Programming the INA220 Power
Measurement Engine section.
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
PD15
PD14
PD13
PD12
PD11
PD10
PD9
PD8
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
The Power Register records power in watts by multiplying the values of the current with the value of the bus
voltage according to the equation:
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): INA220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com