Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210 Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA210 Datasheet HTML 20Page - Texas Instruments INA210 Datasheet HTML 21Page - Texas Instruments INA210 Datasheet HTML 22Page - Texas Instruments INA210 Datasheet HTML 23Page - Texas Instruments INA210 Datasheet HTML 24Page - Texas Instruments INA210 Datasheet HTML 25Page - Texas Instruments INA210 Datasheet HTML 26Page - Texas Instruments INA210 Datasheet HTML 27Page - Texas Instruments INA210 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
INA220
SBOS459D – JUNE 2009 – REVISED SEPTEMBER 2010
www.ti.com
REGISTER INFORMATION
The INA220 uses a bank of registers for holding
Register contents are updated 4ms after completion of
configuration
settings,
measurement
results,
the write command. Therefore, a 4ms delay is
maximum/minimum limits, and status information.
required between completion of a write to a given
Table 3 summarizes the INA220 registers; Figure 13
register and a subsequent read of that register
illustrates the registers.
(without changing the pointer) when using SCL
frequencies in excess of 1MHz.
Table 3. Summary of Register Set
POINTER
ADDRESS
POWER-ON RESET
HEX
REGISTER NAME
FUNCTION
BINARY
HEX
TYPE(1)
All-register reset, settings for bus
00
Configuration Register
voltage range, PGA Gain, ADC
00111001 10011111
399F
R/W
resolution/averaging.
01
Shunt Voltage
Shunt voltage measurement data.
Shunt voltage
—
R
02
Bus Voltage
Bus voltage measurement data.
Bus voltage
—
R
03
Power(2)
Power measurement data.
00000000 00000000
0000
R
Contains the value of the current flowing
04
Current(2)
00000000 00000000
0000
R
through the shunt resistor.
Sets full-scale range and LSB of current
05
Calibration
and power measurements. Overall
00000000 00000000
0000
R/W
system calibration.
(1)
Type: R = Read-Only, R/W = Read/Write.
(2)
The Power Register and Current Register default to '0' because the Calibration Register defaults to '0', yielding a zero current value until
the Calibration Register is programmed.
24
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): INA220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com