Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210 Datasheet(HTML) 32 Page - Texas Instruments

Back Button INA210 Datasheet HTML 28Page - Texas Instruments INA210 Datasheet HTML 29Page - Texas Instruments INA210 Datasheet HTML 30Page - Texas Instruments INA210 Datasheet HTML 31Page - Texas Instruments INA210 Datasheet HTML 32Page - Texas Instruments INA210 Datasheet HTML 33Page - Texas Instruments INA210 Datasheet HTML 34Page - Texas Instruments INA210 Datasheet HTML 35Page - Texas Instruments INA210 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
´
PowerRegister
CurrentRegister
Two-Wire
Interface
VoltageRegister
V
S
(SupplyVoltage)
ADC
INA220
GND
V
I
V
IN+
V
IN-
A0
A1
SDA
DATA
SCL
CLK
C
0.1 F
BYPASS
m
+3.3Vto
+5V
BusVoltageInput
R1
F
R2
F
C
F
Load
Address
Select
Shunt
(40mV
max
for
12-bit)
Battery
INA220
SBOS459D – JUNE 2009 – REVISED SEPTEMBER 2010
www.ti.com
Figure 25. General Source Low-Side Sensing
space
REVISION HISTORY
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (September, 2009) to Revision D
Page
•
Changed High Accuracy feature bullet from 1% to 0.5% for B-grade device ....................................................................... 1
•
Added new paragraph to Description section regarding A- and B-grade versions of the device ......................................... 1
•
Added new row to Packaging Information table to show new B-grade device ..................................................................... 2
•
Added B-grade columns in the Electrical Characteristics for min, typ and max values ....................................................... 3
•
Changed Current Sense Gain Error over temperature value and unit from "10 ppm/°C" to "1m%/°C" ............................... 3
•
Added new section ............................................................................................................................................................. 22
Changes from Revision B (June, 2009) to Revision C
Page
•
Changed specified temperature range from –25°C to –40°C ............................................................................................... 3
•
Changed Offset voltage (RTI) vs Temperature min specification from 0.1mV/°C to 0.16mV/°C ........................................... 3
•
Changed specified temperature range from –25°C to –40°C ............................................................................................... 4
•
Changed specified temperature range from –25°C to –40°C ............................................................................................... 4
•
Updated Typical Characterstics: Figure 2, Figure 3, Figure 4, Figure 5 .............................................................................. 6
•
Updated Typical Characterstics: Figure 8, Figure 9 ............................................................................................................. 7
32
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): INA220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com