Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210 Datasheet(HTML) 4 Page - Texas Instruments

  INA210 Datasheet HTML 1Page - Texas Instruments INA210 Datasheet HTML 2Page - Texas Instruments INA210 Datasheet HTML 3Page - Texas Instruments INA210 Datasheet HTML 4Page - Texas Instruments INA210 Datasheet HTML 5Page - Texas Instruments INA210 Datasheet HTML 6Page - Texas Instruments INA210 Datasheet HTML 7Page - Texas Instruments INA210 Datasheet HTML 8Page - Texas Instruments INA210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
INA220
SBOS459D – JUNE 2009 – REVISED SEPTEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +3.3V (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C.
At TA = +25°C, VIN+ = 12V, VSENSE = (VIN+ – VIN–) = 32mV, VBUS = 12V, PGA = ÷ 1, and BRNG
(1) = 1, unless otherwise noted.
INA220A
INA220B
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
DIGITAL INPUTS
(SDA as Input, SCL, A0, A1)
Input Capacitance
3
3
pF
Leakage Input Current
0
≤ VIN ≤ VS
0.1
1
0.1
1
mA
Input Logic Levels:
VIH
0.7 (VS)
6
0.7 (VS)
6
V
VIL
–0.3
0.3 (VS)
–0.3
0.3 (VS)
V
Hysteresis
500
500
mV
OPEN-DRAIN DIGITAL OUTPUTS (SDA)
Logic '0' Output Level
ISINK = 3mA
0.15
0.4
0.15
0.4
V
High-Level Output Leakage Current
VOUT = VS
0.1
1
0.1
1
mA
POWER SUPPLY
Operating Supply Range
+3
+5.5
+3
+5.5
V
Quiescent Current
0.7
1
0.7
1
mA
Quiescent Current, Power-Down Mode
6
15
6
15
mA
Power-On Reset Threshold
2
2
V
TEMPERATURE RANGE
Specified Temperature Range
–40
+85
–40
+85
°C
Operating Temperature Range
–40
+125
–40
+125
°C
Thermal Resistance(8)
qJA
MSOP-10
200
200
°C/W
(8)
qJA value is based on JEDEC low-K board.
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): INA220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com