Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210 Datasheet(HTML) 31 Page - Texas Instruments

Back Button INA210 Datasheet HTML 27Page - Texas Instruments INA210 Datasheet HTML 28Page - Texas Instruments INA210 Datasheet HTML 29Page - Texas Instruments INA210 Datasheet HTML 30Page - Texas Instruments INA210 Datasheet HTML 31Page - Texas Instruments INA210 Datasheet HTML 32Page - Texas Instruments INA210 Datasheet HTML 33Page - Texas Instruments INA210 Datasheet HTML 34Page - Texas Instruments INA210 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
Data
Clock
CurrentRegister
Two-Wire
Interface
VoltageRegister
V
IN+
ADC
INA220
GND
A0
A1
V
S SupplyVoltage)
(
V
BUS (BusVoltageInput)
V
I
Shunt
(40mVmax
for12-bit)
4.3k
1W
W
+3.3Vto+5V
1/4WZener
orshuntreg
HCPL2300
HCPL2300
HCPL2300
4.3kW
4.3kW
4.3kW
4.3kW
SDA
SCL
+5V
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
35.7kW
13.7kW
24V
Tranzorb
PowerRegister
-
48V
Supply
-
48V
toLoad
V
IN-
0.1 F
m
10 F
m
0.1 F
m
0.1 F
m
0.1 F
m
-
48V
Supply
0.1 F
m
From
Supply
Load
10kW
Data
(SDA)
Clock
(SCL)
´
PowerRegister
CurrentRegister
Two-Wire
Interface
VoltageRegister
V
IN+
ADC
INA220
GND
A0
A1
V
IN-
V
S
SupplyVoltage)
(
V
BUS
(BusVoltageInput)
R
G
10 F
m
0.1 F
m
+3.3Vto
+5V
V
I
OPA333
100W
35.7kW
13.7kW
Shunt
R
SHUNT
5.1V
Zener
24V
Tranzorb
R
L
100W
MOSFETratedto
standoffsupplyvoltage
suchasBSS84for
upto50V
INA220
www.ti.com
SBOS459D – JUNE 2009 – REVISED SEPTEMBER 2010
ADDITIONAL APPLICATION IDEAS
Figure 23, Figure 24, and Figure 25 show the INA220 in additional circuit configurations for current, voltage, and
power monitoring applications.
Figure 23. –48V Telecom Current/Voltage/Power Sense with Isolation
Figure 24. 48V Telecom Current/Voltage/Power Sense
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): INA220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com