Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA210 Datasheet HTML 11Page - Texas Instruments INA210 Datasheet HTML 12Page - Texas Instruments INA210 Datasheet HTML 13Page - Texas Instruments INA210 Datasheet HTML 14Page - Texas Instruments INA210 Datasheet HTML 15Page - Texas Instruments INA210 Datasheet HTML 16Page - Texas Instruments INA210 Datasheet HTML 17Page - Texas Instruments INA210 Datasheet HTML 18Page - Texas Instruments INA210 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
Supply
Load
R
10W
FILTER
R
10W
FILTER
0.1 Fto1 F
m
m
CeramicCapacitor
Current
Shunt
Data(SDA)
3.3VSupply
Clock(SCL)
´
PowerRegister
CurrentRegister
Two-Wire
Interface
VoltageRegister
V
IN+
ADC
INA220
GND
A0
A1
SupplyVoltage
V
IN-
V
S
V
BUS
INA220
www.ti.com
SBOS459D – JUNE 2009 – REVISED SEPTEMBER 2010
sampling rate (>1MHz). Filter using the lowest
available. Testing has demonstrated that the addition
possible series resistance and ceramic capacitor.
of 10
Ω resistors in series with each input of the
Recommended values are 0.1mF to 1.0mF. Figure 19
INA220 sufficiently protects the inputs against dV/dt
shows the INA220 with an additonal filter added at
failure up to the 26V rating of the INA220. These
the input.
resistors have no significant effect on accuracy.
Overload conditions are another consideration for the
Simple Current Shunt Monitor Usage
INA220 inputs. The INA220 inputs are specified to
(No Programming Necessary)
tolerate 26V across the inputs. A large differential
The INA220 can be used without any programming if
scenario might be a short to ground on the load side
it is only necessary to read a shunt voltage drop and
of the shunt. This type of event can result in full
bus voltage with the default 12-bit resolution, 320mV
power-supply voltage across the shunt (as long the
shunt full-scale range (PGA=÷8), 32V bus full-scale
power supply or energy storage capacitors support it).
range, and continuous conversion of shunt and bus
It must be remembered that removing a short to
voltage.
ground can result in inductive kickbacks that could
exceed the 26V differential and common-mode rating
Without
programming,
current
is
measured
by
of the INA220. Inductive kickback voltages are best
reading the shunt voltage. The Current Register and
dealt with by zener-type transient-absorbing devices
Power Register are only available if the Calibration
(commonly
called
transzorbs)
combined
with
Register contains a programmed value.
sufficient energy storage capacitance.
Programming the INA220
In applications that do not have large energy storage
electrolytics on one or both sides of the shunt, an
The default power-up states of the registers are
input
overstress
condition
may
result
from
an
shown in the INA220 register descriptions section of
excessive dV/dt of the voltage applied to the input. A
this data sheet. These registers are volatile, and if
hard physical short is the most likely cause of this
programmed to other than default values, must be
event, particularly in applications with no large
re-programmed at every device power-up. Detailed
electrolytics present. This problem occurs because an
information on programming the Calibration Register
excessive dV/dt can activate the ESD protection in
specifically is given in the section, Programming the
the INA220 in systems where large currents are
INA220 Power Measurement Engine.
Figure 19. INA220 with Input Filtering
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): INA220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com