Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210 Datasheet(HTML) 5 Page - Texas Instruments

  INA210 Datasheet HTML 1Page - Texas Instruments INA210 Datasheet HTML 2Page - Texas Instruments INA210 Datasheet HTML 3Page - Texas Instruments INA210 Datasheet HTML 4Page - Texas Instruments INA210 Datasheet HTML 5Page - Texas Instruments INA210 Datasheet HTML 6Page - Texas Instruments INA210 Datasheet HTML 7Page - Texas Instruments INA210 Datasheet HTML 8Page - Texas Instruments INA210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
V
IN+
V
IN-
GND
V
S
V
BUS
SCL
1
2
3
4
5
10
9
8
7
6
A1
A0
SDA
NC
INA220
www.ti.com
SBOS459D – JUNE 2009 – REVISED SEPTEMBER 2010
PIN CONFIGURATIONS
DGS PACKAGE
MSOP-10
(Top View)
PIN DESCRIPTIONS: MSOP-10
MSOP-10
(DGS)
PIN NO
NAME
DESCRIPTION
Address pin. Connect to GND, SCL, SDA, or VS. Table 1 shows pin settings and corresponding
1
A1
addresses.
Address pin. Connect to GND, SCL, SDA, or VS. Table 1 shows pin settings and corresponding
2
A0
addresses.
3
NC
No internal connection
4
SDA
Serial bus data line.
5
SCL
Serial bus clock line.
6
VS
Power supply, 3V to 5.5V.
7
GND
Ground.
8
VBUS
Bus voltage input.
Negative differential shunt voltage. Connect to negative side of shunt resistor. Bus voltage is measured
9
VIN–
from this pin to ground.
10
VIN+
Positive differential shunt voltage. Connect to positive side of shunt resistor.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): INA220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com