Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210 Datasheet(HTML) 1 Page - Texas Instruments

  INA210 Datasheet HTML 1Page - Texas Instruments INA210 Datasheet HTML 2Page - Texas Instruments INA210 Datasheet HTML 3Page - Texas Instruments INA210 Datasheet HTML 4Page - Texas Instruments INA210 Datasheet HTML 5Page - Texas Instruments INA210 Datasheet HTML 6Page - Texas Instruments INA210 Datasheet HTML 7Page - Texas Instruments INA210 Datasheet HTML 8Page - Texas Instruments INA210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
´
PowerRegister
CurrentRegister
Two-Wire
Interface
VoltageRegister
V
S (SupplyVoltage)
ADC
INA220
GND
V
I
V
IN+
V
IN-
A0
A1
SDA
DATA
SCL
CLK
C
0.1 F
BYPASS
m
+3.3Vto
+5V
BusVoltageInput
High-
Side
Shunt
Low-
Side
Shunt
R1
F
R2
F
C
F
Load
Supply(0to26V)
INA220
www.ti.com
SBOS459D – JUNE 2009 – REVISED SEPTEMBER 2010
High or Low Side, Bi-Directional
CURRENT/POWER MONITOR with Two-Wire Interface
Check for Samples: INA220
1
FEATURES
DESCRIPTION
2
•
HIGH- or LOW-SIDE SENSING
The INA220 is a current shunt and power monitor
with an Two-Wire interface. The INA220 monitors
•
SENSES BUS VOLTAGES FROM 0V TO +26V
both shunt drop and supply voltage. A programmable
•
REPORTS CURRENT, VOLTAGE, AND POWER
calibration value, combined with an internal multiplier,
•
16 PROGRAMMABLE ADDRESSES
enables direct readouts in amperes. An additional
•
HIGH ACCURACY: 0.5% (Max) OVER
multiplying register calculates power in watts. The
Two-Wire
interface
features
16
programmable
TEMPERATURE (INA220B)
addresses. The separate shunt input on the INA220
•
USER-PROGRAMMABLE CALIBRATION
allows it to be used in systems with low-side sensing.
•
FAST (3.4MHz) TWO-WIRE MODE
The INA220 is available in two grades: A and B. The
•
MSOP-10 PACKAGE
B grade version has higher accuracy and higher
precision specifications.
APPLICATIONS
The INA220 senses across shunts on buses that can
•
SERVERS
vary from 0V to 26V, useful for low-side sensing or
•
TELECOM EQUIPMENT
CPU power supplies. The device uses a single +3V
•
NOTEBOOK COMPUTERS
to +5.5V supply, drawing a maximum of 1mA of
•
POWER MANAGEMENT
supply current. The INA220 operates from –40°C to
+125°C.
•
BATTERY CHARGERS
•
AUTOMOTIVE
RELATED PRODUCTS
•
POWER SUPPLIES
DESCRIPTION
DEVICE
•
TEST EQUIPMENT
Current/Power Monitor with Watchdog, Peak-Hold,
INA209
and Fast Comparator Functions
INA210, INA211,
Zerø-Drift, Low-Cost, Analog Current Shunt Monitor
INA212, INA213,
Series in Small Package
INA214
Zerø-Drift, Bi-Directional Current Power Monitor with
INA219
Two-Wire Interface
General Load, Low- or High-Side Sensing
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA210 TI-INA210 Datasheet
581Kb / 17P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA210 TI-INA210 Datasheet
583Kb / 17P
Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA210 TI1-INA210 Datasheet
1Mb / 29P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA210 TI-INA210 Datasheet
961Kb / 33P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA210 TI1-INA210 Datasheet
1Mb / 30P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
More results

Similar Description - INA210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8210 AD-AD8210 Datasheet
226Kb / 7P
High-Side Bi-directional Current Shunt Monitor
logo
Burr-Brown (TI)
INA209 BURR-BROWN-INA209 Datasheet
555Kb / 43P
High-Side Measurement, Bi-Directional Current/Power Monitor with I2C??Interface
logo
Texas Instruments
INA220 TI-INA220 Datasheet
1Mb / 35P
High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
INA226 TI1-INA226 Datasheet
447Kb / 30P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
JUNE2011
INA220B-Q1 TI1-INA220B-Q1 Datasheet
1Mb / 39P
High- or Low-Side, Bidirectional Current Power Monitor with 2-Wire Interface
INA226AIDGSR TI1-INA226AIDGSR Datasheet
988Kb / 32P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA226AIDGST TI-INA226AIDGST Datasheet
961Kb / 33P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA209 TI-INA209_15 Datasheet
1Mb / 50P
High-Side Measurement, Bi-Directional Current/Power Monitor with I2C Interface
INA220B-Q1 TI-INA220B-Q1_15 Datasheet
1Mb / 40P
High- or Low-Side, Bidirectional Current Power Monitor with 2-Wire Interface
INA209 TI1-INA209_17 Datasheet
1Mb / 50P
High-Side Measurement, Bi-Directional Current/Power Monitor with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com