Electronic Components Datasheet Search
  English  ▼

X  

DS80C400 Datasheet(PDF) 59 Page - Dallas Semiconductor

Part # DS80C400
Description  DS80C400 Network Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C400 Datasheet(HTML) 59 Page - Dallas Semiconductor

Back Button DS80C400 Datasheet HTML 55Page - Dallas Semiconductor DS80C400 Datasheet HTML 56Page - Dallas Semiconductor DS80C400 Datasheet HTML 57Page - Dallas Semiconductor DS80C400 Datasheet HTML 58Page - Dallas Semiconductor DS80C400 Datasheet HTML 59Page - Dallas Semiconductor DS80C400 Datasheet HTML 60Page - Dallas Semiconductor DS80C400 Datasheet HTML 61Page - Dallas Semiconductor DS80C400 Datasheet HTML 62Page - Dallas Semiconductor DS80C400 Datasheet HTML 63Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 97 page
background image
DS80C400 Network Microcontroller
59 of 97
CSR Register:
Wake-Up Frame Filter
Register Address:
28h
Bit Names:
31
WUFD [31:24]
24
23
WUFD [23:16]
16
15
WUFD [15:8]
8
7
WUFD [7:0]
0
Reset State:
31
0
0
0
0
0
0
0
0
24
23
0
0
0
0
0
0
0
0
16
15
0
0
0
0
0
0
0
0
8
7
0
0
0
0
0
0
0
0
0
WUFD [31:0], Wake-Up Frame Filter Data [31:0]. These 32 bits are used to access the four available network
wake-up frame filters. Eight accesses to the wake-up frame filter register are needed to read or write all four wake-
up frame filters.
CSR Register:
Wake-Up Events Control and Status
Register Address:
2Ch
Bit Names:
31
—
—
—
—
—
—
—
—
24
23
—
—
—
—
—
—
—
—
16
15
—
—
—
—
—
—
GU
—
8
7
—
WUFF
MPF
—
—
WUFE
MPE
—
0
Reset State:
31
0
0
0
0
0
0
0
0
24
23
0
0
0
0
0
0
0
0
16
15
0
0
0
0
0
0
0
0
8
7
0
0
*
0
*
0
0
0
0
0
0
*Power-on reset only. Unaffected by other reset sources.
GU, Global Unicast
0 = frames must pass the destination address filter as well as the wake-up frame filter criteria in order to generate a
wake-up event (default)
1 = frames must pass only the wake-up frame filter criteria to generate a wake-up event
WUFF, Wake-Up Frame Received Flag. This bit is set to logic 1 to indicate when a wake-up event was generated
due to the reception of a network wake-up frame. Application software must clear this flag by writing a 1 to this bit.
MPF, Magic Packet Received Flag. This bit is set to logic 1 to indicate when a wake-up event was generated due
to the reception of a Magic Packet. Application software must clear this flag by writing a 1 to this bit.
WUFE, Wake-Up Frame Enable. Setting this bit to logic 1 invokes sleep mode and allows the reception of network
wake-up frame to generate a wake-up event.
MPE, Magic Packet Enable. Setting this bit to logic 1 invokes sleep mode and allows the reception of a Magic
Packet to generate a wake-up event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com