Electronic Components Datasheet Search
  English  ▼

X  

DS80C400 Datasheet(PDF) 38 Page - Dallas Semiconductor

Part # DS80C400
Description  DS80C400 Network Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C400 Datasheet(HTML) 38 Page - Dallas Semiconductor

Back Button DS80C400 Datasheet HTML 34Page - Dallas Semiconductor DS80C400 Datasheet HTML 35Page - Dallas Semiconductor DS80C400 Datasheet HTML 36Page - Dallas Semiconductor DS80C400 Datasheet HTML 37Page - Dallas Semiconductor DS80C400 Datasheet HTML 38Page - Dallas Semiconductor DS80C400 Datasheet HTML 39Page - Dallas Semiconductor DS80C400 Datasheet HTML 40Page - Dallas Semiconductor DS80C400 Datasheet HTML 41Page - Dallas Semiconductor DS80C400 Datasheet HTML 42Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 97 page
background image
DS80C400 Network Microcontroller
38 of 97
Table 2. SFR Reset Values
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
ADDRESS
P4
1
1
1
1
1
1
1
1
80h
SP
0
0
0
0
0
0
0
0
81h
DPL
0
0
0
0
0
0
0
0
82h
DPH
0
0
0
0
0
0
0
0
83h
DPL1
0
0
0
0
0
0
0
0
84h
DPH1
0
0
0
0
0
0
0
0
85h
DPS
0
0
0
0
1
0
0
0
86h
PCON
0
0
Special
0
0
0
0
0
87h
TCON
0
0
0
0
0
0
0
0
88h
TMOD
0
0
0
0
0
0
0
0
89h
TL0
0
0
0
0
0
0
0
0
8Ah
TL1
0
0
0
0
0
0
0
0
8Bh
TH0
0
0
0
0
0
0
0
0
8Ch
TH1
0
0
0
0
0
0
0
0
8Dh
CKCON
0
0
0
0
0
0
0
1
8Eh
P1
1
1
1
1
1
1
1
1
90h
EXIF
0
0
0
0
Special
Special
Special
0
91h
P4CNT
1
1
1
1
1
1
1
1
92h
DPX
0
0
0
0
0
0
0
0
93h
DPX1
0
0
0
0
0
0
0
0
95h
C0RMS0
0
0
0
0
0
0
0
0
96h
C0RMS1
0
0
0
0
0
0
0
0
97h
SCON0
0
0
0
0
0
0
0
0
98h
SBUF0
0
0
0
0
0
0
0
0
99h
ESP
1
1
1
1
1
1
0
0
9Bh
AP
0
0
0
0
0
0
0
0
9Ch
ACON
1
1
0
0
Special
0
0
0
9Dh
C0TMA0
0
0
0
0
0
0
0
0
9Eh
C0TMA1
0
0
0
0
0
0
0
0
9Fh
P2
1
1
1
1
1
1
1
1
A0h
P5
1
1
1
1
1
1
1
1
A1h
P5CNT
1
0
0
0
0
0
0
0
A2h
C0C
0
0
0
0
1
0
0
1
A3h
C0S
0
0
0
0
0
0
0
0
A4h
C0IR
0
0
0
0
0
0
0
0
A5h
C0TE
0
0
0
0
0
0
0
0
A6h
C0RE
0
0
0
0
0
0
0
0
A7h
IE
0
0
0
0
0
0
0
0
A8h
SADDR0
0
0
0
0
0
0
0
0
A9h
SADDR1
0
0
0
0
0
0
0
0
AAh
C0M1C
0
0
0
0
0
0
0
0
ABh
C0M2C
0
0
0
0
0
0
0
0
ACh
C0M3C
0
0
0
0
0
0
0
0
ADh
C0M4C
0
0
0
0
0
0
0
0
AEh
C0M5C
0
0
0
0
0
0
0
0
AFh
P3
1
1
1
1
1
1
1
1
B0h
P6
1
1
1
1
1
1
1
1
B1h
P6CNT
0
0
0
0
0
0
0
0
B2h
C0M6C
0
0
0
0
0
0
0
0
B3h
C0M7C
0
0
0
0
0
0
0
0
B4h
C0M8C
0
0
0
0
0
0
0
0
B5h
C0M9C
0
0
0
0
0
0
0
0
B6h
C0M10C
0
0
0
0
0
0
0
0
B7h
IP
1
0
0
0
0
0
0
0
B8h
SADEN0
0
0
0
0
0
0
0
0
B9h
SADEN1
0
0
0
0
0
0
0
0
BAh
C0M11C
0
0
0
0
0
0
0
0
BBh
C0M12C
0
0
0
0
0
0
0
0
BCh
C0M13C
0
0
0
0
0
0
0
0
BDh
C0M14C
0
0
0
0
0
0
0
0
BEh
C0M15C
0
0
0
0
0
0
0
0
BFh
SCON1
0
0
0
0
0
0
0
0
C0h
SBUF1
0
0
0
0
0
0
0
0
C1h
PMR
1
0
0
0
0
0
1
1
C4h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com