Electronic Components Datasheet Search
  English  ▼

X  

DS80C400 Datasheet(PDF) 25 Page - Dallas Semiconductor

Part # DS80C400
Description  DS80C400 Network Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C400 Datasheet(HTML) 25 Page - Dallas Semiconductor

Back Button DS80C400 Datasheet HTML 21Page - Dallas Semiconductor DS80C400 Datasheet HTML 22Page - Dallas Semiconductor DS80C400 Datasheet HTML 23Page - Dallas Semiconductor DS80C400 Datasheet HTML 24Page - Dallas Semiconductor DS80C400 Datasheet HTML 25Page - Dallas Semiconductor DS80C400 Datasheet HTML 26Page - Dallas Semiconductor DS80C400 Datasheet HTML 27Page - Dallas Semiconductor DS80C400 Datasheet HTML 28Page - Dallas Semiconductor DS80C400 Datasheet HTML 29Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 97 page
background image
DS80C400 Network Microcontroller
25 of 97
SERIAL PORT MODE 0 TIMING CHARACTERISTICS (Note 1)
(VCC3 = 3.0V to 3.6V, VCC1 = 1.8V ±10%, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SM2 = 0:12 clocks per cycle
12 tCLCL
Serial Port Clock Cycle Time
tXLXL
SM2 = 1:4 clocks per cycle
4 tCLCL
ns
SM2 = 0:12 clocks per cycle
10 tCLCL -
10
Output Data Setup to Clock
Rising
tQVXH
SM2 = 1:4 clocks per cycle
3 tCLCL -
10
ns
SM2 = 0:12 clocks per cycle
2 tCLCL -
10
Output Data Hold from Clock
Rising
tXHQX
SM2 = 1:4 clocks per cycle
tCLCL -
10
ns
SM2 = 0:12 clocks per cycle
0
Input Data Hold After Clock
Rising
tXHDX
SM2 = 1:4 clocks per cycle
0
ns
SM2 = 0:12 clocks per cycle
11 tCLCL -
20
Clock Rising Edge to Input
Data Valid
tXHDV
SM2 = 1:4 clocks per cycle
3 tCLCL -
20
ns
Note 1: Specifications to -40
°C are guaranteed by design and not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com