Electronic Components Datasheet Search
  English  ▼

X  

DS80C400 Datasheet(PDF) 86 Page - Dallas Semiconductor

Part # DS80C400
Description  DS80C400 Network Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C400 Datasheet(HTML) 86 Page - Dallas Semiconductor

Back Button DS80C400 Datasheet HTML 82Page - Dallas Semiconductor DS80C400 Datasheet HTML 83Page - Dallas Semiconductor DS80C400 Datasheet HTML 84Page - Dallas Semiconductor DS80C400 Datasheet HTML 85Page - Dallas Semiconductor DS80C400 Datasheet HTML 86Page - Dallas Semiconductor DS80C400 Datasheet HTML 87Page - Dallas Semiconductor DS80C400 Datasheet HTML 88Page - Dallas Semiconductor DS80C400 Datasheet HTML 89Page - Dallas Semiconductor DS80C400 Datasheet HTML 90Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 97 page
background image
DS80C400 Network Microcontroller
86 of 97
EN_FOW (Bit 2): Enable Force OW.
Setting the EN_FOW bit to a logic 1 allows the bus master to force the OW
line low using FOW (bit 2 of the command register). Clearing the EN_FOW bit to a logic 0 disables the use of the
FOW bit.
STPEN (Bit 3): Strong Pullup Enable.
Setting the STPEN bit to a logic 1 enables functionality for the
OWSTP
output pin. The
OWSTP pin serves as the enable signal to an external strong pullup device. This functionality is
used for meeting the recovery time requirement in overdrive mode and long-line standard communication. When
enabled (STPEN = 1),
OWSTP goes active-low any time the master is not pulling the OW line low or waiting to read
data from a slave during a communication sequence. Once the communication sequence is complete, the
OWSTP
output is released. Note that when the master is in the idle state, the STP_SPLY bit must also be set to logic 1 (in
addition to STPEN = 1) in order for the
OWSTP pin to remain in the active-low state. Clearing the STPEN bit to
logic 0 disables all
OWSTP pin functionality.
STP_SPLY (Bit 4): Strong Pullup Supply Mode.
When the
OWSTP pin is enabled (STPEN = 1), setting the
STP_SPLY bit to logic 1 results in an active-low output for the
OWSTP pin being sustained when the master is in an
idle state. Thus, when the
OWSTP signal gates an external P-channel pullup, STP_SPLY = 1 can be used to
enable a stiff supply voltage to slave devices requiring high current during operation. Clearing the bit to logic 0
disables the strong pullup on the
OWSTP pin when the master is idle. This bit has no affect when the OWSTP pin is
disabled (STPEN = 0).
BIT_CTL (Bit 5): Bit-Banging Mode.
Setting this bit to logic 1 place the master into the bit-banging mode of
operation. In the bit-banging mode, only the least significant bit of the transmit/receive register is sent or received
before the associated interrupt flag occurs (signaling the end of the transaction). Clearing the bit leaves the bus
master operating in full-byte boundaries.
OD (Bit 6): Overdrive Mode.
Setting this bit to a logic 1 places the master into overdrive mode, effectively
changing the bus master timing to match the 1-Wire timing for overdrive mode as outlined in The Book of iButton
Standards
. Clearing the OD bit to a logic 0 leaves the master operating with standard mode timing.
EOWMI (Bit 7): Enable 1-Wire Master Interrupt.
Setting this bit to a logic 1 enables the 1-Wire master interrupt
request to the CPU for any of the 1-Wire interrupt sources that have been individually enabled in the interrupt
enable register (xxxxx011b). Since the 1-Wire master interrupt and external interrupt 5 share the same interrupt
flag (IE5; EXIF.7), both cannot be used simultaneously. Thus, enabling the 1-Wire interrupt source effectively
disables the external interrupt 5 source.
1-Wire Interrupts
The 1-Wire bus master can be configured to generate an interrupt request to the CPU on the occurrence of a
number of 1-Wire-related events or conditions. These include the following: presence-detect, transmit buffer empty,
transmit shift-register empty, receive buffer full, receive shift-register full, 1-Wire short, and 1-Wire low. Each of
these potential 1-Wire interrupt sources has a corresponding enable bit and flag bit. Each flag bit in the interrupt
flag register (xxxxx010b) is set, independent of the interrupt enable bit, when the associated event or condition
occurs. In order for the interrupt flag to generate an interrupt request to the CPU, however, the individual enable bit
for the source along with the 1-Wire bus master interrupt enable bit (EOWMI; control register bit 7), and global
interrupt enable bit (EA; IE.7) must both be set to a logic 1. To clear the 1-Wire bus master interrupt, a read of the
interrupt flag register must always be performed by software. Table 24 summarizes the 1-Wire bus master interrupt
sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com