Electronic Components Datasheet Search
  English  ▼

X  

DS80C400 Datasheet(PDF) 24 Page - Dallas Semiconductor

Part # DS80C400
Description  DS80C400 Network Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C400 Datasheet(HTML) 24 Page - Dallas Semiconductor

Back Button DS80C400 Datasheet HTML 20Page - Dallas Semiconductor DS80C400 Datasheet HTML 21Page - Dallas Semiconductor DS80C400 Datasheet HTML 22Page - Dallas Semiconductor DS80C400 Datasheet HTML 23Page - Dallas Semiconductor DS80C400 Datasheet HTML 24Page - Dallas Semiconductor DS80C400 Datasheet HTML 25Page - Dallas Semiconductor DS80C400 Datasheet HTML 26Page - Dallas Semiconductor DS80C400 Datasheet HTML 27Page - Dallas Semiconductor DS80C400 Datasheet HTML 28Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 97 page
background image
DS80C400 Network Microcontroller
24 of 97
ETHERNET MII INTERFACE TIMING CHARACTERISTICS (Note 1)
(VCC3 = 3.0V to 3.6V, VCC1 = 1.8V ±10%, TA = -40°C to +85°C.)
100Mbps
10Mbps
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
TXClk Duty Cycle
tTDC
14
26
140
260
ns
TXD, TX_EN Data Setup to TXClk
tTSU
10
25
ns
TXD, TX_EN Data Hold from TXClk
tTHD
2
2
ns
RXClk Pulse Width
tRDC
14
26
140
260
ns
RXClk to RXD, RX_DV, RX_ER Valid
tRDV
10
30
190
210
ns
MDC Period
tMCLCL
400
400
ns
MDC to Input Data Valid
tMDV
300
300
ns
MDIO Output Data Setup to MDC
tMOS
10
10
ns
MDIO Output Data Hold from MDC
tMOH
10
10
ns
Note 1: Specifications to -40
°C are guaranteed by design and not production tested.
MII INTERFACE TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com