Electronic Components Datasheet Search
  English  ▼

X  

DS80C400 Datasheet(PDF) 52 Page - Dallas Semiconductor

Part # DS80C400
Description  DS80C400 Network Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C400 Datasheet(HTML) 52 Page - Dallas Semiconductor

Back Button DS80C400 Datasheet HTML 48Page - Dallas Semiconductor DS80C400 Datasheet HTML 49Page - Dallas Semiconductor DS80C400 Datasheet HTML 50Page - Dallas Semiconductor DS80C400 Datasheet HTML 51Page - Dallas Semiconductor DS80C400 Datasheet HTML 52Page - Dallas Semiconductor DS80C400 Datasheet HTML 53Page - Dallas Semiconductor DS80C400 Datasheet HTML 54Page - Dallas Semiconductor DS80C400 Datasheet HTML 55Page - Dallas Semiconductor DS80C400 Datasheet HTML 56Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 97 page
background image
DS80C400 Network Microcontroller
52 of 97
Each CSR register is documented as follows:
CSR Register:
MAC Control
Register Address:
00h
Bit Names:
31
RA
BLE
—
HBD
PS
—
—
—
24
23
DRO
OM[1:0]
F
PM
PR
IF
PB
16
15
HO
—
HP
LCC
DBF
DRTY
—
ASTP
8
7
BLOMT[1:0]
DC
—
TE
RE
—
—
0
Reset State:
31
0
0
0
0
0
0
0
0
24
23
0
0
0
0
0
1
0
0
16
15
0
0
0
0
0
0
0
0
8
7
0
0
0
0
0
0
0
0
0
RA, Receive All. This bit overrides the flush-filter failed-packet function if that function has been enabled
(EBS.7 = 1).
0 = default frame handling (default)
1 = all error-free frames are received with packet filter bit set (= 1) in the receive status word
BLE, Big-/Little-Endian Mode
0 = data buffers are operated in little-endian mode (default)
1 = data buffers are operated in big-endian mode
HBD, Heart-Beat Disable. This bit is only useful in ENDEC mode and has no effect on MII mode operation.
0 = heart-beat signal quality-generator function enabled (default)
1 = heart-beat signal quality-generator function is disabled
PS, Port Select
0 = MII mode (default)
1 = ENDEC mode
DRO, Disable Receive Own. This bit should always be cleared to a logic 0 for full-duplex operation and any
loopback operating modes other than “normal mode.”
0 = MAC receives all packets given by the PHY (default)
1 = MAC disables reception of frames during frame transmission (TX_EN = 1)
OM[1:0], Loopback Operating Mode
00 = normal mode, no loopback (default)
01 = internal loopback through MII
10 = external loopback through PHY
11 = reserved
F, Full-Duplex Mode
0 = half-duplex mode (default)
1 = full-duplex mode
PM, Pass All Multicast
0 = multicast frames filtered according to current multicast filter mode (default)
1 = pass all multicast frames; filter-fail bit is reset (= 0) for all multicast frames received
PR, Promiscuous Mode
0 = promiscuous mode disabled
1 = promiscuous mode enabled (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com