Electronic Components Datasheet Search
  English  ▼

X  

DS80C400 Datasheet(PDF) 53 Page - Dallas Semiconductor

Part # DS80C400
Description  DS80C400 Network Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C400 Datasheet(HTML) 53 Page - Dallas Semiconductor

Back Button DS80C400 Datasheet HTML 49Page - Dallas Semiconductor DS80C400 Datasheet HTML 50Page - Dallas Semiconductor DS80C400 Datasheet HTML 51Page - Dallas Semiconductor DS80C400 Datasheet HTML 52Page - Dallas Semiconductor DS80C400 Datasheet HTML 53Page - Dallas Semiconductor DS80C400 Datasheet HTML 54Page - Dallas Semiconductor DS80C400 Datasheet HTML 55Page - Dallas Semiconductor DS80C400 Datasheet HTML 56Page - Dallas Semiconductor DS80C400 Datasheet HTML 57Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 97 page
background image
DS80C400 Network Microcontroller
53 of 97
IF, Inverse Filtering
0 = inverse filtering disabled (default)
1 = inverse filtering by the address check block enabled
PB, Pass Bad Frames
0 = packet filter bit in the receive status word is set (= 1) only when error-free frames received (default)
1 = packet filter bit in the receive status word is set (= 1) for frames that pass the destination address filter even
when they contain errors. Promiscuous mode should always be used when this bit is set.
HO, Hash-Only Filtering Mode
This bit should only be set when HP = 1.
0 = filter unicast frames according to filter mode configuration (default)
1 = hash filtering of unicast and multicast frames by the address check block
HP, Hash/Perfect Filtering Mode
0 = perfect filtering by the address check block for unicast and multicast frames (default)
1 = hash filtering by the address check block for multicast frames and perfect filtering of unicast frames
LCC, Late Collision Control
0 = transmission is aborted if a late collision is encountered (default)
1 = allows frame retransmission attempts even when a late collision is encountered
DBF, Disable Broadcast Frames
0 = packet filter bit in the receive status word is set (= 1) for each broadcast frame received (default)
1 = packet filter bit in the receive status word is reset (= 0) for each broadcast frame received
DRTY, Disable Retry
0 = MAC attempts to transmit a frame 16 times before signaling a retry error (default)
1 = MAC attempts to transmit a frame only once before signaling a retry error
ASTP, Automatic Pad Stripping
0 = receive frames are transferred to the BCU without modification (default)
1 = zero padding and CRC are stripped for receive frames, which specify a data length less than 46 Bytes
BOLMT[1:0], Back-Off Limit. The back-off protocol requires that the MAC wait some number of time slots
(512bits / time slot) before rescheduling a transmission attempt. A 10-bit free-running counter is used to generate
this back-off delay. The BOLMT[1:0] bits select the number of bits to be used from the 10-bit counter.
00 = 10 bits (0 to 1024 time slots, default)
01 = 8 bits (0 to 256 time slots)
10 = 4 bits (0 to 16 time slots)
11 = 1 bit (none or 1 time slot)
DC, Deferral Check
0 = MAC can defer indefinitely while waiting to transmit (default)
1 = MAC aborts a transmission attempt if it has deferred for more than 24,288 consecutive bit times
TE, Transmitter Enable
0 = transmitter disabled (default)
1 = transmitter enabled
RE, Receiver Enable
0 = receiver disabled (default)
1 = receiver enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com