| Electronic Components Datasheet Search |
|
DS80C400 Datasheet(PDF) 43 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS80C400 Datasheet(HTML) 43 Page - Dallas Semiconductor |
|
43 / 97 page ![]() DS80C400 Network Microcontroller 43 of 97 Table 6. External Memory Addressing Pin Assignments SIGNAL MULTIPLEXED ( MUX = 0) DEMULTIPLEXED ( MUX = 1) A21 P6.5 P6.5 A20 P6.4 P6.4 A19 P4.7 P4.7 A18 P4.6 P4.6 A17 P4.5 P4.5 A16 P4.4 P4.4 A15–A8 P2.7–P2.0 P2.7–P2.0 ADDRESS A7–A0 P0.7–P0.0 P7.7–P7.0 DATA D7–D0 P0.7–P0.0 P0.7–P0.0 CE7 P6.3 P6.3 CE6 P6.2 P6.2 CE5 P6.1 P6.1 CE4 P6.0 P6.0 CE3 P4.3 P4.3 CE2 P4.2 P4.2 CE1 P4.1 P4.1 CHIP ENABLES CE0 P4.0 P4.0 PCE3 P5.7 P5.7 PCE2 P5.6 P5.6 PCE1 P5.5 P5.5 PERIPHERAL CHIP ENABLES PCE0 P5.4 P5.4 Combined Program/Data Memory Access The DS80C400 can be configured to allow data memory access (MOVX) to the program memory area. This feature might be useful, for example, when modifying lookup tables or supporting in-application programming of code space. Setting any of the PDCE7-4 (MCON1.3-0) or PDCE3-0 (MCON.3-0) bits enables combined program/data memory access and causes the corresponding chip-enable ( CE) signal to function for both MOVC and MOVX operations. When combined program/data memory access is enabled, the peripheral chip-enable ( PCE) signals previously assigned to that data memory space are disabled. Write access to combined program and data memory blocks is controlled by the WR signal, and read access is controlled by the PSEN signal. This feature is especially useful if the design achieves in-system reprogrammability through external flash memory, in which a single device is accessed through both MOVC instructions (program fetch) and MOVX write operations (updates to code memory). Figure 1 demonstrates how setting PDCE bits can alter external memory data access. When combined program/data memory access is enabled, there is the potential to inadvertently modify code that a user meant to leave fixed. For this reason, the DS80C400 provides the ability to write protect the first 0–16kB of memory accessible through each of the chip enables CE3, CE2, CE1, and CE0. The write-protection feature for each chip enable is invoked by setting the appropriate WPE3–0 (MCON2.3-0) bit. The protected range is defined by the WPR2–0 (MCON2.6–4) bit settings as shown in Table 7. Any MOVX instructions attempting to write to a protected area are disallowed and set the write-protected interrupt flag (WPIF–MCON2.7), causing a write-protect interrupt if enabled. Table 7. Write-Protection Range MCON2.6–4 RANGE PROTECTED (kB) 000 0 to 2 001 0 to 4 010 0 to 6 011 0 to 8 100 0 to 10 101 0 to 12 110 0 to 14 111 0 to 16 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |