Electronic Components Datasheet Search
  English  ▼

X  

DS80C400 Datasheet(PDF) 47 Page - Dallas Semiconductor

Part # DS80C400
Description  DS80C400 Network Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C400 Datasheet(HTML) 47 Page - Dallas Semiconductor

Back Button DS80C400 Datasheet HTML 43Page - Dallas Semiconductor DS80C400 Datasheet HTML 44Page - Dallas Semiconductor DS80C400 Datasheet HTML 45Page - Dallas Semiconductor DS80C400 Datasheet HTML 46Page - Dallas Semiconductor DS80C400 Datasheet HTML 47Page - Dallas Semiconductor DS80C400 Datasheet HTML 48Page - Dallas Semiconductor DS80C400 Datasheet HTML 49Page - Dallas Semiconductor DS80C400 Datasheet HTML 50Page - Dallas Semiconductor DS80C400 Datasheet HTML 51Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 97 page
background image
DS80C400 Network Microcontroller
47 of 97
Table 9. Data Memory Cycle Stretch Values
APPROXIMATE
RD, WR PULSE WIDTH
(IN OSCILLATOR CLOCKS)
MD2
MD1
MD0
STRETCH
VALUE
MOVX
MACHINE
CYCLES
(4X/
2X = 1
CD1:0 = 00)
(4X/
2X = 0
CD1:0 = 00)
(4X/
2X = X
CD1:0 = 10)
(4X/
2X = X
CD1:0 = 11)
0
0
0
0 (Note 1)
2
0.5 tCLK
1 tCLK
2 tCLK
512 tCLK
0
0
1
1 (Note 2)
3
1 tCLK
2 tCLK
4 tCLK
1024 tCLK
0
1
0
2
4
2 tCLK
4 tCLK
8 tCLK
2048 tCLK
0
1
1
3
5
3 tCLK
6 tCLK
12 tCLK
3072 tCLK
1
0
0
4
9
4 tCLK
8 tCLK
16 tCLK
4096 tCLK
1
0
1
5
10
5 tCLK
10 tCLK
20 tCLK
5120 tCLK
1
1
0
6
11
6 tCLK
12 tCLK
24 tCLK
6144 tCLK
1
1
1
7
12
7 tCLK
14 tCLK
28 tCLK
7168 tCLK
Note 1: All internal MOVX operations execute at the 0 stretch setting.
Note 2: Default stretch setting for external MOVX operations following reset, but reset before execution of ROM startup code.
Internal MOVX SRAM
The DS80C400 contains 9kB of SRAM that is physically divided into a 1kB block and an 8kB block. The 1kB block
can be used to support the extended stack-pointer function or can be used as general-purpose MOVX data
memory. The 8kB block is used by the Ethernet MAC as frame-buffer memory for incoming or outgoing packet data
and can, at the same time, be accessed by the DS80C400 as MOVX data memory. While the MAC is in use,
special care should be taken by user software to prevent undesirable MOVX writes from corrupting frame-buffer
memory. The address mapping of the 1kB block and the 8kB block are governed by the internal data-memory
configuration bits (IDM1, IDM0) in the memory control register (MCON;C6h). Note that when the SA bit (ACON.2)
is set, 1kB of the MOVX data memory is accessed by the 10-bit expanded stack pointer. Changing the IDM1:0
configuration bits while SA = 1 does not disrupt the extended stack-pointer function. Internal MOVX memory
accesses do not generate
WR or RD strobes.
The DS80C400 contains an additional 256 Bytes of internal SRAM that is used to configure and operate the 15
CAN-controller message centers. The address location of this 256-Byte block is determined by the CAN data-
memory assignment bit (CMA) in the memory control register (MCON; C6h).
Table 10. Internal MOVX SRAM Configuration
IDM1
IDM0
CMA
8kB BLOCK
(MAC/MOVX DATA)
1kB BLOCK
(STACK/MOVX DATA)
256-BYTE
(CAN DATA MEMORY)
0
0
0
00E000h–00FFFFh
00DC00h–00DFFFh
00DB00h–00DBFFh
0
0
1
00E000h–00FFFFh
00DC00h–00DFFFh
FFDB00h–FFDBFFh
0
1
0
000000h–001FFFh
002000h–0023FFh
00DB00h–00DBFFh
0
1
1
000000h–001FFFh
002000h–0023FFh
FFDB00h–FFDBFFh
1
0
0
FFE000h–FFFFFFh
FFDC00h–FFDFFFh
00DB00h–00DBFFh
1
0
1
FFE000h–FFFFFFh
FFDC00h–FFDFFFh
FFDB00h–FFDBFFh
Extended Stack Pointer
The DS80C400 supports both the traditional 8-bit and an extended 10-bit stack pointer that improves the
performance of large programs written in high-level languages such as C. To enable the 10-bit stack pointer, set
the stack-address mode bit, SA (ACON.2). The bit is cleared following a reset, forcing the device to use an 8-bit
stack located in the scratchpad RAM area. When the SA bit is set, the device addresses up to 1kB of internal
MOVX memory for stack purposes. The 10-bit stack pointer address is generated by concatenating the lower two
bits of the extended stack pointer (ESP;9Bh) and the traditional 8051 stack pointer (SP;81h).
On-Chip Arithmetic Accelerator
An on-chip math accelerator allows the microcontroller to perform 32-bit and 16-bit multiplication, division, shifting,
and normalization using dedicated hardware. Math operations are performed by sequentially loading three special
registers. The mathematical operation is determined by the sequence in which three dedicated SFRs (MA, MB, and
MCNT0) are accessed, eliminating the need for a special step to choose the operation. The normalize function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com